Electronic Components Datasheet Search
  English  ▼

X  

SD22 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SD22
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SD22 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SD22 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SD22 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SD22 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD03 THRU SD36
Features
· Unidirection:450 Watts peak pulse power
per line(tp=8/20μs)
· Replacement for MLV (0805)
· Protects one power or I/O port
· Low clamping voltage
· Applied to the type 3V and 36V
· 61000-4-2 (ESD): Air 30kV, Contact 30kV
Maximum Ratings and Thermal Characteristics
Mechanical Data
Dimensions in inches and (millimeters)
-55 to +125
Symbols
Items
Peak pulse power (8/20μs) at TL=25℃
Units
Value
W
℃
TSTG
·
Case : JEDEC SOD-323
· Weight : 6 milligrams Approx.
(TA = 25℃ unless otherwise noted.)
TRANSIENT VOLTAGE SUPPRESSOR
SOD-323
450
PPP
Operating temperature range
Storage temperature range
Applications
· Laptop computers
· Cellular phones
· Digital cameras
· Personnal digital assistant (PDA)
TJ
-55 to +150
℃
0.010(0.25)
0.014(0.35)
0.004(0.10)
MAX.
0.031(0.80)
0.035(0.90)
0.063(1.60)
0.071(1.80)
0.098(2.50)
0.106(2.70)
0.039(1.00)
MAX.
0.047(1.2)
0.055(1.4)
0.019(0.475)
REF.
0.003(0.08)
0.006(0.15)
0.010(0.25)
0.016(0.40)
https://dec.co.kr
DAESAN ELECTRONIC CORP.
PPP
450 W
VWM 3.3 V to 36 V


Similar Part No. - SD22

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SD22-210 BWTECH-SD22-210 Datasheet
745Kb / 2P
Extremely low thermal resistance
SD22-SD210 BWTECH-SD22-SD210 Datasheet
391Kb / 4P
Surface Mount Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SD2200 ETC-SD2200 Datasheet
100Kb / 3P
N-CHANNEL DEPLETION-MODE D-MOS FET
logo
SYNERGY MICROWAVE CORPO...
SD2200 SYNERGY-SD2200 Datasheet
552Kb / 3P
2-WAY POWER DIVIDER SURFACE MOUNT MODEL
logo
List of Unclassifed Man...
SD2200DE ETC-SD2200DE Datasheet
100Kb / 3P
N-CHANNEL DEPLETION-MODE D-MOS FET
More results

Similar Description - SD22

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com