Electronic Components Datasheet Search
  English  ▼

X  

7818472 Datasheet(PDF) 21 Page - CommScope Inc.

Part # 7818472
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7818472 Datasheet(HTML) 21 Page - CommScope Inc.

Back Button 7818472 Datasheet HTML 16Page - CommScope Inc. 7818472 Datasheet HTML 17Page - CommScope Inc. 7818472 Datasheet HTML 18Page - CommScope Inc. 7818472 Datasheet HTML 19Page - CommScope Inc. 7818472 Datasheet HTML 20Page - CommScope Inc. 7818472 Datasheet HTML 21Page - CommScope Inc. 7818472 Datasheet HTML 22Page - CommScope Inc. 7818472 Datasheet HTML 23Page - CommScope Inc. 7818472 Datasheet HTML 24Page - CommScope Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
19
ERA Ordering Guide
For North America
ERA Racks
Ordering Information
Description
CommScope
Material ID
Indoor 19” Racks - 600x600
Rack 19" 24U 600x600x1200 open fr. basic
7845576
Rack 19" 24U 600x600x1200 open frame
7845577
Rack 19" 24U 600x600x1200 perf. d. basic
7845578
Rack 19" 24U 600x600x1200 perf. doors
7845579
Rack 19" 37U 600x600x1800 open fr. basic
7845580
Rack 19" 37U 600x600x1800 open frame
7845581
Rack 19" 37U 600x600x1800 perf. d. basic
7845582
Rack 19" 37U 600x600x1800 perf. doors
7845583
Rack 19" 46U 600x600x2200 open fr. basic
7845584
Rack 19" 46U 600x600x2200 open frame
7845585
Rack 19" 46U 600x600x2200 perf. doors
7845586
Rack TiRAX , 46U, 600x600 perf. doors
7845587
Indoor 19” Racks - 600x800
Rack 19" 24U 600x800x1200 open fr. basic
7845591
Rack 19" 46U 600x600x2200 perf. doors
7845592
Rack 19" 24U 600x800x1200 perf. d. basic
7845593
Rack 19" 24U 600x800x1200 perf. doors
7845595
Rack 19" 24U 600x800x1200 open fr. basic
7845591
Rack 19" 46U 600x600x2200 perf. doors
7845592
Rack 19" 24U 600x800x1200 perf. d. basic
7845593
Rack 19" 24U 600x800x1200 perf. doors
7845595
Rack 19" 46U 600x800x2200 open fr. basic
7845600
Rack 19" 46U 600x800x2200 open frame
7845601
Rack 19" 46U 600x800x2200 perf. d. basic
7845603
Rack 19" 46U 600x800x2200 perf. doors
7845602
Indoor 19” Racks - 800x800
Rack 19" 24U 800x800x1200 open fr. basic
7845604
Rack 19" 24U 800x800x1200 open frame
7845605
Rack 19" 24U 800x800x1200 perf. d. basic
7845606
Rack 19" 24U 800x800x1200 perf. doors
7845607
Rack 19" 37U 800x800x1800 open fr. basic
7845608
Rack 19" 37U 800x800x1800 open frame
7845609
Rack 19" 37U 800x800x1800 perf. d. basic
7845610
Rack 19" 37U 800x800x1800 perf. doors
7845611
Rack 19" 46U 800x800x2200 open fr. basic
7845612
Rack 19" 46U 800x800x2200 open frame
7845613
Rack 19" 46U 800x800x2200 perf. doors
7845614
Rack 19" 46U 800x800x2200 perf. doors
7845615
Wall Mount Racks
Rack 19" 9U 600x700x530 perf. d. basic
7845616
Rack Vari IT , 9U, 600x700 perf. doors
7845617



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com