Electronic Components Datasheet Search
  English  ▼

X  

7830281 Datasheet(PDF) 8 Page - CommScope Inc.

Part # 7830281
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7830281 Datasheet(HTML) 8 Page - CommScope Inc.

Back Button 7830281 Datasheet HTML 4Page - CommScope Inc. 7830281 Datasheet HTML 5Page - CommScope Inc. 7830281 Datasheet HTML 6Page - CommScope Inc. 7830281 Datasheet HTML 7Page - CommScope Inc. 7830281 Datasheet HTML 8Page - CommScope Inc. 7830281 Datasheet HTML 9Page - CommScope Inc. 7830281 Datasheet HTML 10Page - CommScope Inc. 7830281 Datasheet HTML 11Page - CommScope Inc. 7830281 Datasheet HTML 12Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
6
ERA Ordering Guide
For North America
Head-End: Modules/Cards
Ordering Information
Description
Product
Code
CommScope
Material ID
Copper Transport Card
4 (RJ45) x 10 Gb-Ethernet links to UAP or copper CAP L
CAT
7633228-02
Copper Transport Card (CAT2)
4 (RJ45) x 10 Gb-Ethernet links to copper UAP 2 and copper CAP L2
CAT2
7847569-00
RF Donor Card
4 (QMA Female) x analogue links to BTS
RFD
7633229-05
RF Donor Card High Band
4 (QMA Female) x analogue links to BTS
RFD-HB
7841277-00
Optical Transport Card
4 (SFP+ module*) x optical links to TEN, WIN or fiber CAP
OPT
7642123-01
System User Interface Card
Service ports for LMT, LAN and modem connect, 3 x RJ45, USB
SUI
7642125-00
Blank Module, Universal Slot
BP-UNV
7688866-00
Blank Module, Auxiliary Transport Slot
BP-AUT
7688867-00
Blank Module, System User Interface Slot
BP-SUI
7688868-00
BP-SUI
BP-AUT
BP-UNV
Specifications
Nokia CPRI Digital Donor Card (CDD)
6 x CPRI links to base band unit
Nokia part sold by Nokia
Electrical
Input Voltage, Vdc
12
Power Consumption, Watts
40
CPRI Line Rates, Gbps
Rate 3,5 and 7
Radio Access Technology
LTE-FDD
Number of Carriers per Port
1 to 4
Bandwidth Total, MHz
240
Mechanical
Connection
6x SFP Module*
Height x Width x Depth, mm (in)
20 x 145 x 300
(0.8 x 5.7 x 11.8)
Weight, kg (lb)
0.47 (1.045)
Operating Temperature, °C (°F)
+5 to +40 (+41 to +104)
*SFP+ ports sold separately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com