Electronic Components Datasheet Search
  English  ▼

X  

LSED-1R Datasheet(PDF) 64 Page - IDEC Corporation

Part # LSED-1R
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-1R Datasheet(HTML) 64 Page - IDEC Corporation

Back Button LSED-1R Datasheet HTML 56Page - IDEC Corporation LSED-1R Datasheet HTML 57Page - IDEC Corporation LSED-1R Datasheet HTML 58Page - IDEC Corporation LSED-1R Datasheet HTML 59Page - IDEC Corporation LSED-1R Datasheet HTML 60Page - IDEC Corporation LSED-1R Datasheet HTML 61Page - IDEC Corporation LSED-1R Datasheet HTML 62Page - IDEC Corporation LSED-1R Datasheet HTML 63Page - IDEC Corporation LSED-1R Datasheet HTML 64Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 64 / 64 page
background image
Stop Switches
Switch Guard (White)
Description & Shape
Part No.
Remarks
For ø22mm HW/XW Series
HW9Z-KG4-W
• Inside diameter ø76mm
• Space-saving, 50 mm-wide.
For ø22mm HW/XW Series
HW9Z-KG5-W
• Inside diameter ø76mm
Nameplates (White)
Shape
Description
Part No.
Material
Plate Color
Legend
For ø16mm Series
For ø29mm Mushroom
HAAV-0-W
Polyamide
White (Munsell N9.5)
Blank
For ø49mm Mushroom
HAAV4-0-W
For ø22mm Series
For ø40mm Mushroom
HWAV-0-W
For ø60mm Mushroom
HWAV5-0-W
For ø16mm Series
(Nameplate for ø29mm
Mushroom)
(Nameplate for ø40mm
Mushroom)
For ø22mm Series
(Nameplate for ø40mm
Mushroom)
(Nameplate for ø60mm
Mushroom)
Panel thickness: 0.5 to 2 mm
when using a nameplate
Panel thickness: 0.5 to 2 mm
when using a nameplate
ø43.5
ø16
1.7
0.3
0.5
1.7
ø60
ø16
ø60
ø22
1.0
1.5
2.3 0.6
ø80
Panel thickness: 0.8 to 4.5 mm
when using a nameplate
Panel thickness: 0.8 to 4 mm
when using a nameplate
Dimensions
www.idec.com
USA
IDEC Corporation
Tel: +1-408-747-0550
opencontact@idec.com
Germany IDEC Elekrotechnik GmbH
Tel: +49-40-25 30 54 - 0 service@eu.idec.com
Singapore IDEC Izumi Asia Pte. Ltd.
Tel: +65-6746-1155
info@sg.idec.com
Thailand
IDEC Asia (Thailand) Co., Ltd Tel: +66-2-392-9765
sales@th.idec.com
Australia IDEC Australia Pty. Ltd.
Tel: +61-3-8523-5900
sales@au.idec.com
Taiwan
IDEC Taiwan Corporation
Tel: +886-2-2698-3929 service@tw.idec.com
Hong Kong
IDEC Izumi (H.K.) Co., Ltd.
Tel: +852-2803-8989
info@hk.idec.com
China/Shanghai IDEC (Shanghai) Corporation Tel: +86-21-6135-1515 idec@cn.idec.com
China/Shenzhen IDEC (Shenzhen) Corporation Tel: +86-755-8356-2977 idec@cn.idec.com
China/Beijing
IDEC (Beijing) Corporation Tel: +86-10-6581-6131 idec@cn.idec.com
Japan
IDEC Corporation
Tel: +81-6-6398-2527
marketing@idec.co.jp
Specications and other descriptions in this brochure are subject to change without notice.
2017 IDEC Corporation, All Rights Reserved.
EP1430-14 JULY 2017 PRINTED IN GERMANY
Head Office
6-64, Nishi-Miyahara-2-Chome, Yodogawa-ku, Osaka 532-0004, Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com