Electronic Components Datasheet Search
  English  ▼

X  

LS-T3P Datasheet(PDF) 50 Page - IDEC Corporation

Part # LS-T3P
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T3P Datasheet(HTML) 50 Page - IDEC Corporation

Back Button LS-T3P Datasheet HTML 46Page - IDEC Corporation LS-T3P Datasheet HTML 47Page - IDEC Corporation LS-T3P Datasheet HTML 48Page - IDEC Corporation LS-T3P Datasheet HTML 49Page - IDEC Corporation LS-T3P Datasheet HTML 50Page - IDEC Corporation LS-T3P Datasheet HTML 51Page - IDEC Corporation LS-T3P Datasheet HTML 52Page - IDEC Corporation LS-T3P Datasheet HTML 53Page - IDEC Corporation LS-T3P Datasheet HTML 54Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
50
Padlockable
Non-illuminated Pushlock Turn Reset (Padlockable) (Screw Terminal)
Shape
NC Main
Contact
NO Monitor
Contact
Part No.
Operator
Color
IP20 Fingersafe Terminal
w/Terminal Cover
ø44mm Mushroom
1NC
—
XN4E-BL401MFRH
XN4E-BL401MRH
Bright red
only
2NC
—
XN4E-BL402MFRH
XN4E-BL402MRH
3NC
—
XN4E-BL403MFRH
XN4E-BL403MRH
4NC
—
XN4E-BL404MFRH
XN4E-BL404MRH
1NC
1NO
XN4E-BL411MFRH
XN4E-BL411MRH
2NC
1NO
XN4E-BL412MFRH
XN4E-BL412MRH
3NC
1NO
XN4E-BL413MFRH
XN4E-BL413MRH
2NC
2NO
XN4E-BL422MFRH
XN4E-BL422MRH
• Only solid wires can be used on the IP20 fingersafe terminal switches.
• Padlocks and hasps are not supplied with the emergency stop switches and must be ordered separately. See page 53.
Illuminated Pushlock Turn Reset (Padlockable) (Screw Terminal)
Shape
Illumination
Rated
Voltage
NC Main
Contact
NO Monitor
Contact
Part No.
Operator
Color
IP20 Fingersafe
Terminal
w/Terminal Cover
ø44mm Mushroom
LED
24V
AC/DC
1NC
—
XN4E-LL401Q4MFR
XN4E-LL401Q4MR
Red only
2NC
—
XN4E-LL402Q4MFR
XN4E-LL402Q4MR
3NC
—
XN4E-LL403Q4MFR
XN4E-LL403Q4MR
4NC
—
XN4E-LL404Q4MFR
XN4E-LL404Q4MR
1NC
1NO
XN4E-LL411Q4MFR
XN4E-LL411Q4MR
2NC
1NO
XN4E-LL412Q4MFR
XN4E-LL412Q4MR
3NC
1NO
XN4E-LL413Q4MFR
XN4E-LL413Q4MR
2NC
2NO
XN4E-LL422Q4MFR
XN4E-LL422Q4MR
• Only solid wires can be used on the IP20 fingersafe terminal switches.
• Padlocks and hasps are not supplied with the emergency stop switches and must be ordered separately. See page 53.
LED Push-ON Pushlock Turn Reset (Padlockable) (Screw Terminal)
Shape
Illumination
Rated
Voltage
NC Main
Contact
NO Monitor
Contact
Part No.
Operator
Color
IP20 Fingersafe
Terminal
w/Terminal Cover
ø44mm Mushroom
LED
24V
AC/DC
2NC
—
XN4E-TL402Q4MFR
XN4E-TL402Q4MR
Red only
3NC
—
XN4E-TL403Q4MFR
XN4E-TL403Q4MR
2NC
1NO
XN4E-TL412Q4MFR
XN4E-TL412Q4MR
• Push-ON is illuminated when the operator is latched, and turns off when reset.
• Only solid wires can be used on the IP20 fingersafe terminal switches.
• Padlocks and hasps are not supplied with the emergency stop switches and must be ordered separately. See page 53.
ø30 XN Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com