Electronic Components Datasheet Search
  English  ▼

X  

ASFN30771 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ASFN30771
Description  Fan Motor Selector Chart
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN30771 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ASFN30771 Datasheet HTML 6Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 7Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 8Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 9Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 10Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 11Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 12Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 13Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DC Fan Motor
120 sq.
×25t
(ASFN1)
RoHS Directive compatibility information
http://www.nais-e.com/
DIMENSIONS (mm inch)
1.004
±.020
25.5
±0.5
105
±0.3
119
±0.5
4.134
±.012
4.685
±.020
119
±0.5
4.685
±.020
105
±0.3
4.134
±.012
4-.169
±.008
dia.
4-4.3
±0.2
dia.
Airflow
300 min.
11.811 min.
RATING
1. Standard speed
2. Middle speed
3. Low speed
Notes: 1. Values above without designations are averages.
2. Noise levels are based on measurements taken at a distance of 1 m from the front of the fan.
Part number
Rated voltage
(V)
Input power (W)
Max./Av.
Rated current (mA)
Max./Av.
Rotation speed
(r/min)
Max. air flow
(m3/min)
Max. static pressure
(Pa)
Noise
(dB(A))
Weight
(g)
ASFN10371
12
6.24/4.80
520/400
2,500
2.85
40.9
38.5
180
ASFN10372
24
6.96/5.28
290/220
Part number
Rated voltage
(V)
Input power (W)
Max./Av.
Rated current (mA)
Max./Av.
Rotation speed
(r/min)
Max. air flow
(m3/min)
Max. static pressure
(Pa)
Noise
(dB(A))
Weight
(g)
ASFN12371
12
3.00/2.28
250/190
1,900
2.15
24.8
31.0
180
ASFN12372
24
3.12/2.40
130/100
Part number
Rated voltage
(V)
Input power (W)
Max./Av.
Rated current (mA)
Max./Av.
Rotation speed
(r/min)
Max. air flow
(m3/min)
Max. static pressure
(Pa)
Noise
(dB(A))
Weight
(g)
ASFN14371
12
1.92/1.44
160/120
1,600
1.80
17.9
27.0
180
ASFN14372
24
2.40/1.92
100/80
NEW
DATA (Airflow - Static pressure
Characteristic Curve)
Airflow (m3/min)
Standard
Middle
50
40
30
20
10
0
0
1.5
3
Low
MATERIALS USED
Frame: plastic
Propeller: plastic
Bearings: ball bearings
Lead wires: UL1007 and AWG24
WIRING DIAGRAM
Red
Black
12V DC
24V DC
Fan motor
SPECIFICATIONS
Ambient temperature
–10
°C to +60°C +14°F to +140°F
Ambient humidity
15 to 85% RH
Temperature rise
Coil surface: Max. 50
°C 122°F (Nominal voltage, by resistive method)
External surface: Max. 20
°C 68°F (Nominal voltage, by thermocouple method)
Breakdown voltage
500 V AC for 1 min. (between lead wire and external housing)
Insulation resistance
Min. 10 M
Ω (at 500 V DC)
Vibration
resistance
Frequency
10 to 55Hz
Double amplitude width
0.75mm
Applied direction
X, Y and Z directions
Applied time
10 min. in each direction
Lead wire tensile strength
9.8 N, single wires did not break at 15 seconds
Fan blockage
No coil burnout even after blockage of 72 hrs. at nominal voltage.
Reverse polarity power connection
No damage even after reverse polarity connection for short time at nominal voltage.
Expected life
90% survival rate at 100,000 hrs. (When rotation frequency drops 30% of initial value
when run at nominal voltage under 25
°C 77°F, room humidity.)
02/2006
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com