Electronic Components Datasheet Search
  English  ▼

X  

GCK1024 Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # GCK1024
Description  ELECTRICAL & MECHANICAL SPECIFICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

GCK1024 Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  GCK1024 Datasheet HTML 1Page - Lorlin Electronics Ltd. GCK1024 Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GCK ROTARY SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
FEATURES
ROTARY SWITCH
GCK
PCB Terminals
+ extra stabilising terminals
Spindles with special flats, slots or knurls
Gray coded, standard and complimentary versions
Adjustable stops to restrict number of positions
Switch Rating:
150mA @ 24V ac/dc
Proof Voltage:
250V ac (Initial)
Insulation Resistance:
>999 MΩ at 500V dc (Initial)
Contact Resistance
<50 mΩ (Initial)
Life:
>10,000 Cycles
Operating Temperature:
-30°C to +85°C
Operating Torque (nominal):
Standard 4.7 ± 0.5 cNm
End Stop Torque (nominal):
0.8 Nm
Standard silver contacts, gold flashed
or gold plated also available
Standard 22.5° indexing 4-Bit
Standard 45° indexing 3-Bit
Moulded 27.5mm diameter
Terminal Material:
Brass, CZ108 Sn Plated
Housing/Bush Material
Polyamide 6.6 G.F
Made in the UK
UL-V0 rated material option
STANDARD PART NUMBERS


Similar Part No. - GCK1024

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCKS LORLIN-GCKS Datasheet
699Kb / 2P
GCKS GRAY CODED ROTARY SWITCH IP66/IP67
More results

Similar Description - GCK1024

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
CK1026 ETC2-CK1026 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
logo
Intel Corporation
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
CK1061 ETC2-CK1061 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
CK1030 ETC2-CK1030 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
SRL-5-D-S-2 ETC2-SRL-5-D-S-2 Datasheet
173Kb / 2P
MECHANICAL SPECIFICATION
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com