Electronic Components Datasheet Search
  English  ▼

X  

DGD0506 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD0506
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0506 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD0506 Datasheet HTML 1Page - Diodes Incorporated DGD0506 Datasheet HTML 2Page - Diodes Incorporated DGD0506 Datasheet HTML 3Page - Diodes Incorporated DGD0506 Datasheet HTML 4Page - Diodes Incorporated DGD0506 Datasheet HTML 5Page - Diodes Incorporated DGD0506 Datasheet HTML 6Page - Diodes Incorporated DGD0506 Datasheet HTML 7Page - Diodes Incorporated DGD0506 Datasheet HTML 8Page - Diodes Incorporated DGD0506 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DGD0506
Document number: DS38740 Rev. 8 - 3
1 of 14
www.diodes.com
June 2021
© Diodes Incorporated
DGD0506
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
WITH PROGRAMMABLE DEADTIME
IN DFN3030-10
Description
The DGD0506 is a high-frequency half-bridge gate driver capable of
driving N-channel MOSFETs in a half-bridge configuration. The
floating high-side driver is rated up to 50V.
The DGD0506 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with MCUs. UVLO for
high-side and low-side will protect a MOSFET with loss of supply. To
protect MOSFETs, cross conduction prevention logic prevents the HO
and LO outputs being on at the same time.
Fast and well-matched propagation delays allow a higher switching
frequency, enabling a smaller, more compact power switching design
using smaller associated components. The DGD0506 is offered in the
V-DFN3030-10 package and operates over an extended
-40°C to +125°C temperature range.
Applications
•
DC-DC Converters
•
Motor Controls
•
Battery Powered Hand Tools
•
eCig Devices
•
Class-D Power Amplifiers
Features
•
50V Floating High-Side Driver
•
Drives Two N-Channel MOSFETs in a Half-Bridge
Configuration
•
1.25A Source / 2.0A Sink Output Current Capability
•
Internal Bootstrap Schottky Diode Included
•
Undervoltage Lockout for High-Side and Low-Side Drivers
•
Programmable Deadtime to Protect MOSFETs
•
Logic Input (IN and EN) 3.3V Capability
•
Ultra Low Standby Currents (<1µA)
•
Extended Temperature Range: -40°C to +125°C
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
•
Case: V-DFN3030-10 (Standard)
•
Case material: Molded Plastic. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminals: Finish – Matte Tin Finish
Solderable per MIL-STD-202, Method 208
•
Weight: 0.017 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD0506FN-7
DGD0506
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
V-DFN3030-10
Top View
Typical Configuration
Bottom View
NOT RECOMMENDED FOR NEW DESIGN
USE DGD0506A


Similar Part No. - DGD0506

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD05062 DIODES-DGD05062 Datasheet
669Kb / 12P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 1
DGD05062FN-7 DIODES-DGD05062FN-7 Datasheet
669Kb / 12P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 1
DGD0506A DIODES-DGD0506A Datasheet
742Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 3
DGD0506A DIODES-DGD0506A Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD0506AFN-7 DIODES-DGD0506AFN-7 Datasheet
742Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 3
More results

Similar Description - DGD0506

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
logo
Monolithic Power System...
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Diodes Incorporated
DGD05062 DIODES-DGD05062 Datasheet
669Kb / 12P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 1
DGD0506A DIODES-DGD0506A Datasheet
742Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 3
DGD05463 DIODES-DGD05463 Datasheet
777Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 4
DGD0506A DIODES-DGD0506A_V01 Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD05463 DIODES-DGD05463_V01 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 6 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com