Electronic Components Datasheet Search
  English  ▼

X  

DGD1003 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD1003
Description  HALF-BRIDGE GATE DRIVER IN V-DFN3035-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD1003 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD1003 Datasheet HTML 1Page - Diodes Incorporated DGD1003 Datasheet HTML 2Page - Diodes Incorporated DGD1003 Datasheet HTML 3Page - Diodes Incorporated DGD1003 Datasheet HTML 4Page - Diodes Incorporated DGD1003 Datasheet HTML 5Page - Diodes Incorporated DGD1003 Datasheet HTML 6Page - Diodes Incorporated DGD1003 Datasheet HTML 7Page - Diodes Incorporated DGD1003 Datasheet HTML 8Page - Diodes Incorporated DGD1003 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD1003
Document number: DS41657 Rev. 2 - 2
1 of 11
www.diodes.com
May 2020
© Diodes Incorporated
DGD1003
HALF-BRIDGE GATE DRIVER IN V-DFN3035-8
Description
The DGD1003 is a high-voltage / high-speed gate driver capable of
driving N-channel MOSFETs and IGBTs in a half-bridge configuration.
High voltage processing techniques enable the DGD1003
’s high side to
switch to 150V in a bootstrap operation.
The DGD1003 logic inputs are compatible with standard TTL and CMOS
levels (down to 3.3V) to interface easily with controlling devices. The
driver output features high pulse current buffers designed for minimum
driver cross conduction. The DGD1003 has a fixed internal deadtime of
420ns (typical).
The DGD1003 is offered in the V-DFN3035-8 package and operates
over an extended -40°C to +125°C temperature range.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Floating High-Side Driver in Bootstrap Operation to 150V
Drives Two N-Channel MOSFETs or IGBTs in a Half-Bridge
Configuration
290mA Source/600mA Sink Output Current Capability
Outputs Tolerant to Negative Transients
Internal Dead Time of 420ns to Protect MOSFETs
Wide Low Side Gate Driver Supply Voltage: 10V to 20V
Logic Input (HIN and LIN*) 3.3V Capability
Schmitt Triggered Logic Inputs
Undervoltage Lockout for VCC (Logic and Low Side Supply)
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: V-DFN3035-8
Case Material
: Molded Plastic. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
—NiPdAu
Solderable per MIL-STD-202, Method 208
Weight: 0.017 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD1003FTA-13
DGD1003
13
12
5,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
V-DFN3035-8
Top View
Typical Configuration
DGD1003
YY WW
Typical Configuration
DGD1003 = Product Type Marking Code
YY = Year (ex: 20 = 2020)
WW = Week (01 to 53)
Bottom View
e4


Similar Part No. - DGD1003

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD1503 DIODES-DGD1503 Datasheet
758Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD1504 DIODES-DGD1504 Datasheet
1Mb / 11P
250V HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 2 - 2 August 2022
DGD1504S8-13 DIODES-DGD1504S8-13 Datasheet
1Mb / 11P
250V HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 2 - 2 August 2022
DGD1504 DIODES-DGD1504_V01 Datasheet
1Mb / 11P
250V HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 2 - 2 August 2022
More results

Similar Description - DGD1003

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2103 DIODES-DGD2103 Datasheet
823Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2103A DIODES-DGD2103A Datasheet
792Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2104 DIODES-DGD2104 Datasheet
731Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104A DIODES-DGD2104A Datasheet
710Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2184 DIODES-DGD2184 Datasheet
734Kb / 12P
HALF BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD21042 DIODES-DGD21042 Datasheet
968Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD1503 DIODES-DGD1503 Datasheet
758Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2304 DIODES-DGD2304_V01 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com