Electronic Components Datasheet Search
  English  ▼

X  

ZXTP4001Z Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTP4001Z
Description  60V PNP LED DRIVING TRANSISTOR IN SOT89
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP4001Z Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTP4001Z Datasheet HTML 1Page - Diodes Incorporated ZXTP4001Z Datasheet HTML 2Page - Diodes Incorporated ZXTP4001Z Datasheet HTML 3Page - Diodes Incorporated ZXTP4001Z Datasheet HTML 4Page - Diodes Incorporated ZXTP4001Z Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZXTP4001Z
Datasheet Number: DS35712 Rev. 1 - 2
3 of 5
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP4001Z
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-60
-
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 7)
BVCEO
-60
-
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.3
-
V
IE = -100µA
Collector Cut-off Current
ICBO
-
-
-50
nA
VCB = -60V
Emitter Cut-off Current
IEBO
-
-
-50
nA
VEB = -7V
Static Forward Current Transfer Ratio (Note 7)
hFE
60
100
-
-
-
-
-
-
IC = -85mA, VCE = -0.1V
IC = -150mA, VCE = -0.15V
Base-Emitter Turn-On Voltage (Note 7)
VBE(on)
-
-0.72
-0.95
V
IC = -150mA, VCE = -0.15V
Delay Time
t(d)
-
300
-
ns
VCC = -48V, IC = -150mA,
-IB2 = 1.5mA, VCE(ON) = -0.15V
Rise Time
t(r)
-
420
-
ns
Storage Time
t(s)
-
352
-
ns
Fall Time
t(f)
-
281
-
ns
Storage Time
t(s)
-
48
-
ns
VCC = -48V, IC = -150mA,
-IB2 = -1.5mA VCE(ON) = - 4V
Fall Time
t(f)
-
245
-
ns
Notes:
7. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤ 2%
Electrical Characteristics @TA = 25°C unless otherwise specified
100µ
1m
10m
100m
0
50
100
150
200
250
300
350
100µ
1m
10m
100m
0.2
0.4
0.6
0.8
1.0
100m
1
10
0
5
10
15
20
25
30
35
40
45
50
125°C
h
FE
v I
C
V
CE
= -0.15V
-55°C
25°C
85°C
-I
C
Collector Current (A)
125°C
V
BE(on)
v I
C
V
CE
= -0.15V
85°C
25°C
-55°C
-I
C
Collector Current (A)
Capacitance v Voltage
f = 1MHz
Cobo
-Voltage(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com