Electronic Components Datasheet Search
  English  ▼

X  

ZXTR2105F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTR2105F
Description  60V INPUT, 5V 15mA REGULATOR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2105F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTR2105F Datasheet HTML 1Page - Diodes Incorporated ZXTR2105F Datasheet HTML 2Page - Diodes Incorporated ZXTR2105F Datasheet HTML 3Page - Diodes Incorporated ZXTR2105F Datasheet HTML 4Page - Diodes Incorporated ZXTR2105F Datasheet HTML 5Page - Diodes Incorporated ZXTR2105F Datasheet HTML 6Page - Diodes Incorporated ZXTR2105F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTR2105F
Document number: DS37244 Rev.6 - 2
1 of 7
www.diodes.com
May 2017
© Diodes Incorporated
ZXTR2105F
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
Description
The ZXTR2105F monolithically integrates a transistor, zener diode
and resistor to function as a linear regulator. The device regulates
with a 5V nominal output at 15mA. It is designed for use in high-
voltage applications where standard linear regulators cannot be used.
This function is fully integrated into a SOT23 package, minimizing
PCB area and reducing the number of components when compared
with a multi-chip discrete solution.
Applications
Supply voltage regulation for:
12V to 5V Rails
24V to 5V Rails
Other Customized Input Rails
Features
Series Linear Regulator Using Emitter-Follower Stage
Input Voltage = 7V to 60V (For regulated output Voltage)
Output Voltage = 5V ±5%
Fully Integrated into a SOT23 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (ZXTR2105FQ)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic
―Green‖ Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads; Solderable per MIL-
STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Note 5)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
ZXTR2105F-7
AEC-Q101
2T1
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green"
and Lead-Free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
SOT23
Pin Name
Pin Function
VIN
Input Supply
GND
Power Ground
VOUT
Voltage Output
Top View
Pin-Out
Top View
2T1 = Product Type Marking Code
Internal Device
Schematic
SOT23
VIN
VOUT
GND
2T1
ZXTR2105F


Similar Part No. - ZXTR2105F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2105F DIODES-ZXTR2105F_15 Datasheet
455Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
Rev 5
More results

Similar Description - ZXTR2105F

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8051 BELLING-BL8051 Datasheet
555Kb / 7P
60V Input / 5V Output Linear Regulator
logo
Diodes Incorporated
ZXTR2005Z DIODES-ZXTR2005Z Datasheet
179Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 1
ZXTR2005K DIODES-ZXTR2005K Datasheet
278Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 2
ZXTR2005K DIODES-ZXTR2005K_15 Datasheet
278Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 2
ZXTR2005Z DIODES-ZXTR2005Z_15 Datasheet
343Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 3
ZXTR2105F DIODES-ZXTR2105F_15 Datasheet
455Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
Rev 5
ZXTR2108F DIODES-ZXTR2108F Datasheet
491Kb / 7P
60V INPUT, 8V 15mA REGULATOR TRANSISTOR
Rev 1
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 3
ZXTR2005P5 DIODES-ZXTR2005P5_17 Datasheet
465Kb / 7P
100V INPUT, 5V 40mA REGULATOR TRANSISTOR
Rev 2
ZXTR2005Z DIODES-ZXTR2005Z_17 Datasheet
367Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com