Electronic Components Datasheet Search
  English  ▼

X  

FLGA Datasheet(PDF) 1 Page - STATS ChipPAC, Ltd.

Part # FLGA
Description  Fine Pitch Land Grid Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

FLGA Datasheet(HTML) 1 Page - STATS ChipPAC, Ltd.

  FLGA Datasheet HTML 1Page - STATS ChipPAC, Ltd. FLGA Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.statschippac.com
FEATURES
• Low profile
• Flexible body sizes range from 4 x 4mm to
13 x 13mm
• Flip chip and discrete passive options (SiP)
• Minimum 0.50mm pitch (array and peripheral land
pads)
• Flexible land pattern arrangement
• Pb-free and halogen-free compatible materials
available
• JEDEC standard compliant
APPLICATIONS
• Handheld devices
• Wireless RF
• Analog
• ASIC
• Memory
• Simple PLDs
• Array molded, cost effective, space-saving
packaging solution
• Available in 1.20mm (TFLGA), 1.00mm
(VFLGA), and 0.80mm (WFLGA) maximum
thickness
• Thinner than FBGA
• Exposed thermal/mechanical lands available
• Laminate substrate based enabling 2 and 4
layers of routing flexibility
DESCRIPTION
STATS ChipPAC’s FLGA is a laminate substrate based package
with plastic overmolded encapsulation. Unlike a standard
FBGA, second level interconnect is achieved on the LGA by
connecting “lands” on the package directly onto the PCB
through solder re-flow. The elimination of solder balls brings
better electrical performance and lower package profile
without using the more expensive thinner BT core material.
It also offers the flexibility of land pattern arrangement in
the form of signal lands or heat spreader/ground pads to
suit the thermal and electrical requirements of various
devices. The FLGA package’s reduced outline and thickness
make it an ideal advanced technology packaging solution
for high performance and/or portable applications. STATS
ChipPAC’s FLGA is available in a broad range of JEDEC
standard body sizes including TFLGA (<1.20mm), VFLGA
(<1.00mm) and WFLGA (<0.80mm) package thickness.
FLGA
Fine Pitch Land Grid Array


Similar Part No. - FLGA

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FLGA-SD STATSCHIP-FLGA-SD Datasheet
537Kb / 2P
Fine Pitch Land Grid Array - Stacked Die
More results

Similar Description - FLGA

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array - Stacked Die
FLGA-SD STATSCHIP-FLGA-SD Datasheet
537Kb / 2P
Fine Pitch Land Grid Array - Stacked Die
logo
Amkor Technology
CLGA AMKOR-CLGA Datasheet
357Kb / 1P
Ceramic Land Grid Array Package
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
Ball Grid Array (BGA, 1.50mm Pitch)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
Ball Grid Array (BGA, 1.27mm Pitch)
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
Fine Ball Grid Array (FBGA, 0.75mm Pitch)
NP352-04808 YAMAICHI-NP352-04808 Datasheet
563Kb / 8P
Fine Ball Grid Array (FBGA, 1.00mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
Shrink Ball Grid Array (1.27mm Pitch)
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
Ball Grid Array Packaging
04.24.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com