Electronic Components Datasheet Search
  English  ▼

X  

LP3942YQX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3942YQX
Description  The Dual RGB LED Controller with 1.5x/2x Charge Pump and SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3942YQX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3942YQX Datasheet HTML 5Page - National Semiconductor (TI) LP3942YQX Datasheet HTML 6Page - National Semiconductor (TI) LP3942YQX Datasheet HTML 7Page - National Semiconductor (TI) LP3942YQX Datasheet HTML 8Page - National Semiconductor (TI) LP3942YQX Datasheet HTML 9Page - National Semiconductor (TI) LP3942YQX Datasheet HTML 10Page - National Semiconductor (TI) LP3942YQX Datasheet HTML 11Page - National Semiconductor (TI) LP3942YQX Datasheet HTML 12Page - National Semiconductor (TI) LP3942YQX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
RGB Driver Electrical Characteristics
Limits in standard typeface are for T
J = +25˚C. Limits in boldface type apply over the full operating junction temperature range
(−30˚C
≤ T
J
≤ +105˚C). Unless otherwise noted, specifications apply to the LP3942 Typical Application Circuit (pg. 1) with:
V
VDD = 2.78V, VIN = 3.6V, CIN = 2.2 µF, C1 = 1.0 µF, C2 = 1.0 µF, COUT = 3.0 µF, RBIAS = 27k. (Note 9).
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
Leakage
R1/2, G1/2, B1/2 Pin Leakage
Current
V
RGB =5V
1
µA
I
MAX(RGB)
Maximum Sink Current
Constant Current Mode: Limited
with external Rr, Rg, Rb
resistors by user 3.20V < V
IN
< 5.0V
40
mA
Constant Current Mode: 3.0 <
V
IN < 3.2V
30
mA
Switch Mode: Limited with
ballast resistors by user
50
mA
Accuracy @ 20 mA
V
DD = 2.78V VRGB = 0.2V
−10
±310
%
Current Mirror Ratio
1:100
RGB1 and RGB2 Mismatch
20 mA LED Current
±5%
R
RGB
Switch mode
2
3.5
f
RGB
RGB Switching Frequency
Accuracy proportional to
internal clock freq.
15
20
26
kHz
RGB1 and RGB2 Output
Description
RGB1 and RGB2 outputs can be used in two modes: con-
stant current and switch modes. There are few basic param-
eters in the RGB1 and RGB2 outputs, which can cause
lowered output current values and/or extra current mis-
match, if not considered carefully in application. This chapter
helps to do this analysis.
CONSTANT CURRENT MODE
Outputs can be understood as Ideal current sources with
certain output resistance Rds. Additionally, outputs have a
minimum voltage Vsat, which must be exceeded at the
output. If voltage limit is not reached, the ideal current
source’s current will be less than expected. Taking as an
example the R1 output and defining the voltage between R1
pin and GND3 pin to Vr, and defining the ideal output current
as Ir, one can estimate the true output current with following
simple formula: Ireal
A Ir + (Vr / Rds). This is true only, if Vr
> Vsat. In the LP3942, the nominal value for Rds is 10 k
Ω,
and for Vsat is 200 mV.
For example, if we have a LED that has 3.0V forward bias
voltage at 10 mA and we have set the LED current to 10 mA.
Then we can estimate the true LED current to be appr.
10 mA + ((4.5V-3.0V) / 10 k
Ω) = 10.15 mA. And voltage on
RGB output pin is 1.5V, which is high enough for the con-
stant current generator. Note that this example does not
consider the worst case tolerance of output current which
results from tolerance of external bias resistor and current
mismatch in the LP3942.
SWITCH MODE
In switch mode the function is more straightforward. De-
signer needs to only consider the output resistance of the
switch, which is typically 2
Ω.
Using now the case from previous example and setting the
LED current with an external ballast resistor of 150
Ω. Now,
we get true output current of 1.5V/(150 + 2)
A 9.9 mA. Note
that this example does not consider the worst case tolerance
of output current which results from tolerance of POUT
voltage and LED forward voltage.
RGB Functionality
Both RGB outputs RGB1 and RGB2 have separate control
for mode, brightness and color. The RGB LEDs are con-
trolled through the SPI interface. The control register table is
shown below.
Addr.
Reg.
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
00’h
RGB1
Color[3]
Color[2]
Color[1]
Color[0]
Bright[2]
Bright[1]
Bright[0]
Enable1
default
0
0
0
0
0
0
0
0
01’h
RGB2
Color[3]
Color[2]
Color[1]
Color[0]
Bright[2]
Bright[1]
Bright[0]
Enable2
default
0
0
0
0
0
0
0
0
02’h
CTRL
NSTBY
CP_ON
CC/SW2
CC/SW1
1.5x/2x
reserved
reserved
reserved
default
0
0
0
0
0
0
0
0
03’h
OVL
Overlap2
R2SW
G2SW
B2SW
Overlap1
R1SW
G1SW
B1SW
default
0
0
0
0
0
0
0
0
Enable1 and Enable2 bits are used to enable RGB1 and
RGB2 outputs.
OVL register can be used, if overlapping mode is needed,
default mode is non-overlapping. If overlapping mode is
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com