Electronic Components Datasheet Search
  English  ▼

X  

ILQ615-2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILQ615-2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ615-2 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILQ615-2 Datasheet HTML 1Page - Vishay Siliconix ILQ615-2 Datasheet HTML 2Page - Vishay Siliconix ILQ615-2 Datasheet HTML 3Page - Vishay Siliconix ILQ615-2 Datasheet HTML 4Page - Vishay Siliconix ILQ615-2 Datasheet HTML 5Page - Vishay Siliconix ILQ615-2 Datasheet HTML 6Page - Vishay Siliconix ILQ615-2 Datasheet HTML 7Page - Vishay Siliconix ILQ615-2 Datasheet HTML 8Page - Vishay Siliconix ILQ615-2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ILD615, ILQ615
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 10-Dec-2020
2
Document Number: 83652
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Also available in tubes; do not add T to end
• Additional options may be possible, please contact sales office
ORDERING INFORMATION
IL
x
6
1
5
-
#
X
0
#
#
T
PART NUMBER
x = D (Dual) or Q (Quad)
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED /
PACKAGE
DUAL CHANNEL
QUAD CHANNEL
CTR (%)
10 mA
UL, CSA
40 to 80
63 to 125
100 to 200
160 to 320
40 to 80
63 to 125
100 to 200
160 to 320
DIP-8
ILD615-1
ILD615-2
ILD615-3
ILD615-4
-
-
-
-
DIP-8, 400 mil, option 6
-
-
-
ILD615-4X006
-
-
-
-
SMD-8, option 7
ILD615-1X007T
-
-
-
-
-
-
-
SMD-8, option 9
-
ILD615-2X009T ILD615-3X009T ILD615-4X009T
-
-
-
-
DIP-16
-
-
-
-
ILQ615-1
ILQ615-2
ILQ615-3
ILQ615-4
SMD-16, option 7
-
-
-
-
-
ILQ615-2X007 ILQ615-3X007T
-
SMD-16, option 9
-
-
-
-
ILQ615-1X009
-
ILQ615-3X00
9T(1)
ILQ615-4X00
9T(1)
UL, CSA, VDE
40 to 80
63 to 125
100 to 200
160 to 320
40 to 80
63 to 125
100 to 200
160 to 320
DIP-8
-
-
-
ILD615-4X001
-
-
-
-
DIP-8, 400 mil, option 6
-
ILD615-2X016
-
ILD615-4X016
-
-
-
-
SMD-8, option 7
-
-
ILD615-3X01
7T(1)
--
-
-
-
DIP-16
-
-
-
-
-
-
-
ILQ615-4X001
DIP-16, 400 mil, option 6
-
-
-
-
-
-
ILQ615-3X016
-
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Surge current
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
70
V
Emitter collector breakdown voltage
BVECO
7V
Collector current
IC
50
mA
t < 1 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
2mW/°C
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP
Option 7
Option 6
Option 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com