Electronic Components Datasheet Search
  English  ▼

X  

21033095503 Datasheet(PDF) 2 Page - HARTING Technology Group

Part # 21033095503
Description  M12-PFT-CRIMP-5P-K-COD-M-0.3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

21033095503 Datasheet(HTML) 2 Page - HARTING Technology Group

  21033095503 Datasheet HTML 1Page - HARTING Technology Group 21033095503 Datasheet HTML 2Page - HARTING Technology Group 21033095503 Datasheet HTML 3Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product data sheet
21 03 309 5503
M12-PFT-CRIMP-5P-K-COD-M-0.3
Technical characteristics
Pollution degree
3
Overvoltage category
III
Insulation resistance
>108 Ω
Contact resistance
≤10 mΩ
Tightening torque
0.6 Nm
2 Nm Lock nut
Limiting temperature
-40 ... +125 °C
Mating cycles
≥100
Degree of protection acc. to IEC 60529
IP65 / IP67 mated condition
Isolation group
I (600 ≤ CTI)
Conductor length
30 cm
Material properties
Material (insert)
Polyamide (PA)
Material (contacts)
Brass
Surface (contacts)
Au over Ni Mating side
RoHS
compliant with exemption
RoHS exemptions
6(c): Copper alloy containing up to 4 % lead by weight
ELV status
compliant with exemption
China RoHS
50
REACH Annex XVII substances
Not contained
REACH ANNEX XIV substances
Not contained
REACH SVHC substances
Yes
REACH SVHC substances
Lead
California Proposition 65 substances
Yes
California Proposition 65 substances
Lead
Fire protection on railway vehicles
EN 45545-2 (2020-08)
Requirement set with Hazard Levels
R26
Specifications and approvals
Specifications
IEC 61076-2-111
IEC 61076-2-010
Commercial data
Packaging size
1
Page 2 / 3 | Creation date 2022-10-25 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electronics GmbH | Marienwerderstraße 3 | 32339 Espelkamp | Germany
Phone +49 5772 47-97200 | electronics@HARTING.com | www.HARTING.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com