Electronic Components Datasheet Search
  English  ▼

X  

261G2 Datasheet(PDF) 13 Page - Anderson Power Products, Inc.

Part # 261G2
Description  PP15/45 series are the smallest Powerpole® housings.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

261G2 Datasheet(HTML) 13 Page - Anderson Power Products, Inc.

Back Button 261G2 Datasheet HTML 5Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 6Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 7Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 8Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 9Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 10Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 11Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 12Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 13Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
- 57 -
All Data Subject To Change Without Notice
www.andersonpower.com
Wire Size
Reeled Part Number
Reeled Contact Crimp Tools
AWG
mm²
Tin Plating
Silver Plating APP®
Applicator
+ APP® Press
PP15/45 Flat Wiping Power & Ground
16 to 20
1.3 to 0.52
262G1
262G2
TD0101
115V = TE0101
230V = TE0102
16 to 20
1.3 to 0.52
269G2
N/A
12 to 16
3.3 to 1.3
261G1
N/A
10 to 14
5.3 to 2.1
261G2
261G3
12 to 16
3.3 to 1.3
269G1
N/A
10 to 14
5.3 to 2.1
269G3
N/A
10 to 14
5.3 to 2.1
200G1L
200G3L
TD0102
10 to 14
5.3 to 2.1
201G1H
N/A
10 to 14
5.3 to 2.1
1830G1
1830G2
Your Best Connection™
2020-0055 DS-PP1545
REV C7
Anderson™ will use reasonable efforts to include accurate and up-to-date content in the data sheet. All product information contained in the data sheet including ordering information,
illustrations, specifications, and dimensions, are believed to be reliable as of the date of publishing, but is subject to change without notice. Anderson™ makes no warranty or representation as
to its accuracy. Content in the data sheet may contain technical inaccuracies, typographical errors and may be changed or updated without notice. Anderson™ may also make improvements
and/or changes to the products and/or to the programs described in the content at any time without notice. Current sales drawings and specifications are available upon request.
©2020 Anderson Power Products, Inc. All rights reserved. APP®, A®, Anderson Power Products® , Powerpole® , SPEC Pak® and the APP Logo are registered trademarks of Anderson Power
Products, Inc. Anderson™ and Your Best Connection™ are trademarks of Anderson Power Products, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com