Electronic Components Datasheet Search
  English  ▼

X  

262G1 Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # 262G1
Description  PP15/45 series are the smallest Powerpole® housings.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

262G1 Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  262G1 Datasheet HTML 1Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 2Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 3Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 4Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 5Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 6Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 7Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 8Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
- 33 -
All Data Subject To Change Without Notice
www.andersonpower.com
Powerpole® Pak connector shells enclose stacked groupings
of PP15/45 sized housings in a durable black shell for a
finished connector appearance and additional features.
Inline, panel mount, and blindmate configurations are
available. Plug shells offer the option of integral latches
and strain relief to help secure your connection.
• Package Groupings of PP15/45 Connectors
Provides a finished appearance while protecting the individual
connectors with an outer shell
• Inline, Panel Mount, “T” or Blindmate Configurations
Allows one connection system to meet multiple needs
• Optional Latching and Strain Relief
Secures your connection and wires
POWERPOLE® PAK ORDERING INFORMATION - Powerpole® housings and contacts are sold separately
Plug Shell Without Latch
Can mate inline with other plug shells with or without latches, or mate to a panel
mount receptacle. For use with Powerpole® wire connectors only. Cable Clamp
and Hardware Pak or Retaining Pins must be ordered separately.
Dimensions
- A -
Description
Part Numbers
inches mm
Minimum Quantity 1,000
500
25
Black, 2 to 4 Poles 1461G1-BK
-
1461G1
1.24
31.50
Black, 5 to 6 Poles -
1461G2-BK 1461G2
1.56
39.62
Black, 7 to 8 Poles -
1461G3-BK 1461G3
1.87
47.50
Powerpole® Pak Connectors
PP15/45
Side View
Top View
C
D
B
Retaining Pin
[ 21.59 ]
0.85
A
Retaining Pin
[ 53.09 ]
2.09
[ 21.59 ]
0.85
[ 49.28 ]
1.94
Side View
Top View
Max wire O.D. for 2 to 4 pole plug shells is 0.60 inches (15.2 mm²).
For all other plug shells is 0.63 inches (16.0 mm²).
NOTE: Retaining pins are used to secure and position
Powerpole® housings in one of three positions in plug shells.
Plug Shell With Latch
Can mate inline with other plug shells without latches, or mate to a panel mount receptacle. For use
with Powerpole® wire connectors only. Cable Clamp and Hardware Pak or Retaining Pins must
be ordered separately.
Dimensions
- B -
- C -
- D -
Description
Part Numbers
inches mm
inches mm
inches mm
Minimum Quantity 1,000
500
25
Black, 2 to 4 Poles 1460G1-BK -
1460G1 1.94
49.28 2.25
57.15 1.24
31.50
Black, 5 to 6 Poles -
1460G2-BK 1460G2 1.94
49.28 2.25
57.15 1.56
39.62
Black, 7 to 8 Poles -
1460G3-BK 1460G3 1.94
49.28 2.25
57.15 1.87
47.50
Black, 9 to 10 Poles -
1460G4-BK 1460G4 2.51
63.75 2.82
71.63 1.84
46.74
For environmentally sealed connector shells to hold Powerpole®
15 to 180 connectors, see SPEC Pak® product series on our
website www.andersonpower.com
Blindmate
Powerpole® Pak
Without Latch
Powerpole® T-Pak
Powerpole® Pak
With Latch
Powerpole® Pak
Snap-in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com