Electronic Components Datasheet Search
  English  ▼

X  

1332 Datasheet(PDF) 10 Page - Anderson Power Products, Inc.

Part # 1332
Description  PP15/45 series are the smallest Powerpole® housings.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1332 Datasheet(HTML) 10 Page - Anderson Power Products, Inc.

Back Button 1332 Datasheet HTML 5Page - Anderson Power Products, Inc. 1332 Datasheet HTML 6Page - Anderson Power Products, Inc. 1332 Datasheet HTML 7Page - Anderson Power Products, Inc. 1332 Datasheet HTML 8Page - Anderson Power Products, Inc. 1332 Datasheet HTML 9Page - Anderson Power Products, Inc. 1332 Datasheet HTML 10Page - Anderson Power Products, Inc. 1332 Datasheet HTML 11Page - Anderson Power Products, Inc. 1332 Datasheet HTML 12Page - Anderson Power Products, Inc. 1332 Datasheet HTML 13Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
- 39 -
All Data Subject To Change Without Notice
www.andersonpower.com
POWERPOLE® 15/45 ACCESSORIES
[ 16.6 ]
0.655
[ 7.9 ]
0.312
[ 24.6 ]
0.968
[ 7.9 ]
0.312
[ 16.6 ]
0.655
[ 7.9 ]
0.312
Short with Hole
Short without Hole
Long
A
B
Mounting Wing
Secure dovetailed Powerpole® 15/45 series housings by passing fasteners through the wings
in either a horizontal or vertical orientation. Useful for sheet metal panels, printed circuit boards,
and many other mounting surfaces. Fasteners not included.
Description
Part Numbers
Minimum Quantity
2,500
100
Red
1399G9-BK
1399G9
Blue
1399G8-BK
1399G8
Spacer
Used to separate housings under high power to minimize derating. They are
recommended for squaring off a block of Powerpole® 15/45 housings for use in connector shells
and mounting clamps. Use a combination of long and short spacers opposite each other in a
mated block to add keying features or use two short spacers to avoid interference. Spacers with
holes can also be used to fasten the blocked housings to a surface with a fastener.
Description
Part Numbers
Minimum Quantity
2,500
100
Red, Short w/ Hole
1399G1-BK
1399G1
Red, Long
1399G2-BK
1399G2
Red, Short
1399G6-BK
1399G6
Black, Long
1399G10-BK 1399G10
Blue, Short
1399G13-BK 1399G13
White, Short w/ Hole
1399G14-BK 1399G14
White, Long
1399G17-BK 1399G17
Retaining Pins
Keep stacked Powerpole® 15/45 series housings from separating. Retaining pins are inserted in
the circular opening between two housings stacked side by side.
Dimensions
- A -
- B -
Description
Part Numbers
inches
mm
inches mm
Minimum Quantity
1,000
100
1 Block High
H1507P38 110G16
0.093 / 0.103 2.360 / 2.62
0.250 6.350
2 Block High
111812P5
110G17
0.093 / 0.103 2.360 / 2.62
0.440 11.180
Mounting Clamp
Mounting clamps can be used for fastening a block of Powerpole® 15/45 series
housings to a panel. Connector blocks must be a complete square for the clamps
to work properly. Fastening hardware not included.
Description
Part Numbers
Minimum Quantity
100 sets of 2
2 or 4 Pole
1462G1
3 or 6 Pole
1462G2
4 or 8 Pole
1462G3
Mounting Wings
[ 16.7 ]
0.66
[ 7.9 ]
0.31
[ 4.6 ]
0.18 SQ
2 or 4 Pole
3 or 6 Pole
4 or 8 Pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com