Electronic Components Datasheet Search
  English  ▼

X  

261G3 Datasheet(PDF) 8 Page - Anderson Power Products, Inc.

Part # 261G3
Description  PP15/45 series are the smallest Powerpole® housings.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

261G3 Datasheet(HTML) 8 Page - Anderson Power Products, Inc.

Back Button 261G3 Datasheet HTML 4Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 5Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 6Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 7Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 8Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 9Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 10Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 11Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 12Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
- 37 -
All Data Subject To Change Without Notice
www.andersonpower.com
PP15/45 & POWERPOLE® PAK SPECIFICATIONS
NOTE 1: See IEC 60664-1 for working voltage.
NOTE 2: Amp ratings are stated per position and based on all
positions being fully loaded.
* No TUV Recognition
1 - Based on: 105°C rated or better cable of the largest size,
Properly calibrated APP® recommended tooling, and a 25°C
ambient temperature. UL rating not to exceed the maximum
operating temperature. CSA rating below a 30°C temperature rise.
2 - Limited by the thermal properties of the connector plastic housing.
3 - Use APP® recommended tooling only. Alternate tools may
adversely affect the performance of our connectors along
with UL and CSA recognition.
4 - Tested with contact part number 261G2.
5 - Based on 2 housings blocked together.
ELECTRICAL
Current Rating Amperes ¹
UL 1977
CSA /
TUV
Singlepole Wire-to-Wire (10 AWG)
55
40
Singlepole Ground Wire-to-Wire or PCB (10 AWG)
45
35
3x3 Block Wire-to-Wire (10 AWG)
40
27
Singlepole 25A PCB-to-Wire (12 AWG)
25
-
2x3 Block 25A PCB-to-Wire (12 AWG)
25
22 *
Singlepole 45A PCB-to-Wire (10 AWG)
45
40 *
2x3 Block 45A PCB-to-Wire (10 AWG)
45
25 *
Voltage Rating AC/DC
UL 1977
600
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms ¹
15A Wire Contact with 5/8” of 16 AWG
0.875
30A Wire Contact with 5/8” of 12 AWG
0.600
45A Wire Contact with 5/8” of 10 AWG
0.525
45A PCB Contact to Contact
0.500
25A PCB Contact to Contact
0.600
UL Hot Plug Current Rating Amperes 5
250 Cycles at 72V DC
45A
250 Cycles at 120V DC
30A
UL Ground Short Time Current Test - 45A Premate Ground
750 Amps, 10 AWG Wire
4 Seconds
470 Amps, 12 AWG Wire
4 Seconds
MATERIAL
Housing
Plastic Resin
Polycarbonate
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire
825°C (GWFI) / 800°C (GWIT)
Contact
Base
Copper Alloy
Plating
Tin or Silver
Contact Termination Methods
Crimp ³
Wire Contacts
Hand Solder
1331, 1332 & PCB Contacts
Solder Dip
PCB Contacts
Wave Solder
PCB Contacts
MECHANICAL
Wire Size Range
AWG
mm²
20 to 10
0.75 to 6.0
Max. Wire Insulation
Diameter
in.
mm
0.175
4.450
Operating Temperature ²
°F
°C
Powerpole® Housings &
Powerpole® Pak Shells
-4° to 221°
-20° to 105°
Mating Cycles No Load
by Plating
Silver (Ag)
Tin (Sn)
PCB-to-Wire
-
1,500
Wire-to-Wire
10,000
1,500
Avg. Mating / Unmating Force
Lbf.
N
Low Force Wire, High Force
PCB, & Ground
3
13
High Force Wire
5
22
Low Force PCB
2
9
Min. Contact / Spring
Retention Force
Lbf.
N
20
90
Powerpole® Pak Latch
Avg. Defeat Force
Lbf.
N
150
667
PCB Specifications
Mounting Style
Plated Through Hole
PCB Thickness - in. (mm)
0.090 to 0.150
2.3 to 3.8
25A PCB Recommended
Traces
12 AWG Cross Section
45A PCB Recommended
Traces
10 AWG Cross Section
Mechanical Shock 4
MIL-STD-202
213
Condition A
50g’s
Vibration High Frequency 4
MIL-STD-202
204
Condition A
10g’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com