Electronic Components Datasheet Search
  English  ▼

X  

GWPLLRA1.EM Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GWPLLRA1.EM
Description  OSCONIQ® C 2424
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWPLLRA1.EM Datasheet(HTML) 2 Page - OSRAM GmbH

  GWPLLRA1.EM Datasheet HTML 1Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 2Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 3Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 4Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 5Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 6Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 7Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 8Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
GW PLLRA1.EM
2 Version 1.6 | 2021-11-24
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 700 mA
Φ
V
GW PLLRA1.EM-M4M9-XX510-1
2200 K
210 ... 270 lm
Q65113A1545
GW PLLRA1.EM-M7M9-XX58-1
2700 K
240 ... 270 lm
Q65113A0552
GW PLLRA1.EM-M8MF-XX57-1
3000 K
250 ... 280 lm
Q65113A0551
GW PLLRA1.EM-M9N1-XX56-1
3500 K
260 ... 290 lm
Q65113A0538
GW PLLRA1.EM-N1N3-XX55-1
4000 K
280 ... 310 lm
Q65113A0550
GW PLLRA1.EM-N1N3-XX53-1
5000 K
280 ... 310 lm
Q65113A0541
GW PLLRA1.EM-N1N3-XX52-1
5700 K
280 ... 310 lm
Q65113A0540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com