Electronic Components Datasheet Search
  English  ▼

X  

110G50 Datasheet(PDF) 12 Page - Anderson Power Products, Inc.

Part # 110G50
Description  PP15/45 series are the smallest Powerpole® housings.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

110G50 Datasheet(HTML) 12 Page - Anderson Power Products, Inc.

Back Button 110G50 Datasheet HTML 5Page - Anderson Power Products, Inc. 110G50 Datasheet HTML 6Page - Anderson Power Products, Inc. 110G50 Datasheet HTML 7Page - Anderson Power Products, Inc. 110G50 Datasheet HTML 8Page - Anderson Power Products, Inc. 110G50 Datasheet HTML 9Page - Anderson Power Products, Inc. 110G50 Datasheet HTML 10Page - Anderson Power Products, Inc. 110G50 Datasheet HTML 11Page - Anderson Power Products, Inc. 110G50 Datasheet HTML 12Page - Anderson Power Products, Inc. 110G50 Datasheet HTML 13Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
- 56 -
All Data Subject To Change Without Notice
www.andersonpower.com
Powerpole®
Tooling Information - APP® Applicators are Mechanical Feed Style and do
not Require an Air Feed Kit.
Wire Size
Loose Piece Part Number
Loose Piece Contact Crimp Tools
AWG
mm²
Tin Plating
Silver Plating
Hand Tool OR
Pneumatic
Bench
Tool
+
Die
+ Locator
Number
of Crimps
PP15 / 45 Flat Wiping Power & Ground
16 to 20
1.3 to 0.52 N/A
1332
1309G2
or
1309G8
N/A
N/A
N/A
Single
12 to 16
3.3 to 1.3
N/A
1331
16 to 20
1.3 to 0.52 262G1-LPBK
262G2-LPBK
16 to 20
1.3 to 0.52 269G2-LPBK
N/A
12 to 16
3.3 to 1.3
261G1-LPBK
N/A
1309G3
or
1309G8
10 to 14
5.3 to 2.1
261G2-LPBK
261G3-LPBK
12 to 16
3.3 to 1.3
269G1-LPBK
N/A
10 to 14
5.3 to 2.1
269G3-LPBK
N/A
10 to 14
5.3 to 2.1
200G1L-LPBK
200G3L-LPBK
1309G6
or
1309G8
10 to 14
5.3 to 2.1
201G1H-LPBK
N/A
310 to 14 5.3 to 2.1
1830G1-LPBK
1830G2-LPBK
PP75
6
13.3
N/A
1307
1309G4
1387G1
1388G6
1389G6
Single
5900
8
8.4
1875G1
1389G21
10 to 12
5.3 to 3.3
5952
1389G6
1875G2
1389G21
5953
1388G7
1389G6
5915
1875G3
1389G21
PP120
1/0
53.5
N/A
1323G2
1368 Series
1387G1
1388G3
1389G4
Single
1
42.4
1323G1
2
33.6
1319
1388G4
4
21.2
1319G4
6
13.3
1319G6
PP180
3/0
85
N/A
1328G2
1368 Series
1387G2
1303G12
1304G32
Double
2/0
53.5
1328G1
1/0
53.5
1382
1303G13
1
42.4
1347
2
33.6
1383
4
21.1
1384
6
13.3
1348
1387G1
1388G4
1389G3
Single
Insertion / Extraction Tool for PP15/45 Contacts = 111038G2
NOTE: see website for the most current information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com