Electronic Components Datasheet Search
  English  ▼

X  

AS868 Datasheet(PDF) 1 Page - AUREL S.p.A.

Part # AS868
Description  Vertical Antenna for Outdoor use
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.

AS868 Datasheet(HTML) 1 Page - AUREL S.p.A.

  AS868 Datasheet HTML 1Page - AUREL S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vertical Antenna for Outdoor use
Vertical type antenna for outdoor use.
Available frequencies : 433.92 MHz or 868.3 MHz.
Supplied with 2.50 mt 50 Ohm coaxial cable
RG58MIL-C17. (On request: BNC at user side).
On request: mounting bracket.
Antenna VERTICALE per uso esterno.
Fornita con 2,50 m di cavo coassiale 50 Ohm RG58
MIL-C17
(Su richiesta: terminato con connettore BNC dal lato
utilizzatore). Su richiesta: staffa di fissaggio.
Description
Descrizione
Technical Specification
CHARACTERISTICS
MIN
TYP
MAX
UNIT
Base • Base
Working band • Banda di lavoro
Impedance • Impedenza
Stilus • Stilo
50 W Coaxial cable • Cavo coassiale 50 W
BNC connector • Connettore BNC
Operating temperature range • Temperatura di lavoro
F
W
Z
I
T
OP
MHz
mt
°C
433 or 868
50
black PVC • PVC nero
black inox steel • acciaio nero
on request
2.5
+80
-20
Ta = 25 °C
Ground plane (optimum) : 350 x 350 mm
Piano di massa (ottimale) : 350 x 350 mm
AS868
AS433
AS433
Ground plane
Bracket base
Tightening nut : F 5 MA
Hole F 8 mm
Mounting Bracket
Stilus
Coaxial cable
AS868
AS 433
AS 868
P.N. 650200596
P.N. 650200597
AUREL S.p.A. • Via Foro dei Tigli, 4 • I 47015 Modigliana (FC) Italy • Phone : +39-0546.941124 • Fax : +39-0546.941660
W I R E L E S S
This information may be subject to revision without notice. AUREL makes no warranty and assumes no liability in connection with any use of this information.
Variazioni senza preavviso delle presenti informazioni non implicano responsabilità da parte AUREL. L'acquirente assume ogni responsabilità derivante dall'uso del prodotto.
www.aurelwireless.com
W I R E L E S S


Similar Part No. - AS868

ManufacturerPart #DatasheetDescription
logo
QuWireless
AS868 QUWIRELESS-AS868 Datasheet
1Mb / 4P
Directional 915MHz LoRa outdoor antenna
AS868XR QUWIRELESS-AS868XR Datasheet
1Mb / 4P
Directional 868MHz LoRa outdoor antenna
More results

Similar Description - AS868

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNQ15001 PANASONIC-LNQ15001 Datasheet
76Kb / 1P
FULL COLOR LED LAMP FOR OUTDOOR USE
logo
List of Unclassifed Man...
5501G1 ETC2-5501G1 Datasheet
102Kb / 3P
Water-Blocked for Indoor/Outdoor Use
logo
TE Connectivity Ltd
M7100 TEC-M7100 Datasheet
289Kb / 7P
Rugged for heavy equipment and outdoor use
logo
Pulse A Technitrol Comp...
W5001 PULSE-W5001 Datasheet
265Kb / 4P
External Outdoor Antenna
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
Rugged Design for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
Rugged Design for Outdoor Use
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
Designed for Outdoor Use
logo
Hirose Electric
HR41 HIROSE-HR41 Datasheet
490Kb / 12P
Waterproof Connectors for Outdoor Use
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com