Electronic Components Datasheet Search
  English  ▼

X  

DPO2039 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DPO2039
Description  4-CH OVER-VOLTAGE PROTECTION FOR CC/DIFF PINS ON USB TYPE-C
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPO2039 Datasheet(HTML) 2 Page - Diodes Incorporated

  DPO2039 Datasheet HTML 1Page - Diodes Incorporated DPO2039 Datasheet HTML 2Page - Diodes Incorporated DPO2039 Datasheet HTML 3Page - Diodes Incorporated DPO2039 Datasheet HTML 4Page - Diodes Incorporated DPO2039 Datasheet HTML 5Page - Diodes Incorporated DPO2039 Datasheet HTML 6Page - Diodes Incorporated DPO2039 Datasheet HTML 7Page - Diodes Incorporated DPO2039 Datasheet HTML 8Page - Diodes Incorporated DPO2039 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DPO2039
Document number: DS42776 Rev. 1 - 2
2 of 13
www.diodes.com
May 2020
© Diodes Incorporated
DPO2039
Typical Application Circuit
DPO2039DABQ
VSYS
DIFF1C
CC1C
CC2C
FAULTB
12
11
10
9
GND
CC1S
DIFF2S
DIFF1S
RFAULTB
10k
Ω
VCC
DIFF2C
CSYS
1uF
CC2S
VDIFF1S
VDIFF2S
VCC1S
VCC2S
VDIFF1C
VDIFF2C
VCC1C
VCC2C
DIFF1
DIFF2
CC1
CC2
CC1
CC2
USB PD controller
DIFF1
DIFF2
To system
6
VCC
8
14
1
2
3
4
15
NC
NC
5
CB
7
Figure 1. Typical Application Circuit
Pin Descriptions
Pin Number
Pin Name
Function
1
DIFF1C
DIFF1 connector side. This shall be connected to the DIFF1 pin of the USB Type-C connector.
2
DIFF2C
DIFF2 connector side. This shall be connected to the DIFF2 pin of the USB Type-C connector.
3
CC1C
CC1 connector side. This shall be connected to the CC1 pin of the USB Type-C connector.
4
CC2C
CC2 connector side. This shall be connected to the CC2 pin of the USB Type-C connector.
7
CB
Pin for ESD support capacitor. Place a 0.1
μF capacitor on this pin to ground.
8
FAULTB
Fault status. This is an active-low open-drain output.
9
CC2S
CC2 system side. This shall be connected to the CC2 pin of the component to be protected.
10
CC1S
CC1 system side. This shall be connected to the CC1 pin of the component to be protected.
11
DIFF2S
DIFF2 system side. This shall be connected to the DIFF2 pin of the component to be protected.
12
DIFF1S
DIFF1 system side. This shall be connected to the DIFF1 pin of the component to be protected.
5, 6, 13, 16
NC
No connection.
14
GND
Ground.
15
VSYS
Power Input. This shall be connected to the 2.7 to 5.5V power source inside the system.
—
EP
Exposed pad. This shall be connected to ground.
1μF
DPO2039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com