Electronic Components Datasheet Search
  English  ▼

X  

PI3WVR12412 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3WVR12412
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR12412 Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3WVR12412 Datasheet HTML 1Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 2Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 3Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 4Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 5Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 6Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 7Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 8Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
A Product Line of
Diodes Incorporated
PI3WVR12412
www.diodes.com
November 2021
Diodes Incorporated
PI3WVR12412
Document Number DS40196 Rev 2-2
DC Electrical Characteristics for Switching over Operating Range
(TA = –40°C to +105°C, VDD = 3.3V ±10%)
Parameter
Description
Test Conditions(1)
Min. Typ.(2) Max. Units
VIH
Input HIGH Voltage (SEL & OE)
Guaranteed HIGH level
1.5
V
VIL
Input LOW Voltage (SEL & OE)
Guaranteed LOW level
0.75
VIK
Clamp Diode Voltage (HS Channel)
VDD = Max., IIN = –18mA
–1.6V
–1.8
VIK
Clamp Diode Voltage (DDC/ AUX,
Cntrl )
VDD = Max., IIN = –18mA
–0.7
–1.5
IIH
Input HIGH Current
VDD = Max., VIN = VDD
±5
µA
IIL
Input LOW Current
VDD = Max., VIN = GND
±5
IOFF_SB
I/O leakage when part is off for side-
band signals only (DDC/ AUX, HPD) VDD = 0V, VINPUT = 0V to 3.6V
20
RON_HS
On resistance between input to out-
put for high speed signals
VINPUT,cm = 0V to 3.4V,
VINPUT,diff < 1.2Vp-p,diff,
VDD = 3.0V, IINPUT = 20mA
11
Ω
RON_DDC/ AUX
On resistance between input to
output for side-band signals (DDC/
AUX)
VDD = 3.0V, VINPUT = 0 to 3.3V,
IINPUT = 20mA
7
Ω
RON_HPD
On resistance between input to out-
put for HPD channel
VDD = 3.0V, VINPUT = 0 to 3.0V,
IINPUT = 20mA
7
Ω
VDDC/ AUX_SS
Signal Swing Tolerance in DDC/
AUX path
VDD = 3.0V
–0.5
5.5
V
VHPD_I
Input voltage on HPD path
5.5
V
VHPD_O
Output voltage tolerance on HPD
path
HPD input from 3.3V to 5.25V
3.3
3.6
V
Storage Temperature ..........................................................–65°C to +150°C
Junction Temperature ............................................................................125°C
Supply Voltage to Ground Potential ....................................–0.5V to +4.2V
High Speed Data Channel....................................................... –0.5V to 3.8V
HPD_x, SDA_x, SCL_x ........................................................... –0.5V to 5.5V
DC Input Voltage ......................................................................–0.5V to VDD
DC Output Current .............................................................................120mA
Power Dissipation ................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect
reliability.
(Above which useful life may be impaired. For user guidelines, not tested.)
Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com