Electronic Components Datasheet Search
  English  ▼

X  

LT1790 Datasheet(PDF) 17 Page - Analog Devices

Part # LT1790
Description  Precision, Micropower, High Current Output Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1790 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT1790 Datasheet HTML 13Page - Analog Devices LT1790 Datasheet HTML 14Page - Analog Devices LT1790 Datasheet HTML 15Page - Analog Devices LT1790 Datasheet HTML 16Page - Analog Devices LT1790 Datasheet HTML 17Page - Analog Devices LT1790 Datasheet HTML 18Page - Analog Devices LT1790 Datasheet HTML 19Page - Analog Devices LT1790 Datasheet HTML 20Page - Analog Devices LT1790 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADR3625
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 17 of 21
BASIC VOLTAGE REFERENCE CONNECTION
The basic configuration for the ADR3625 reference is shown in
Figure 48. For detailed information on connecting the bypass ca-
pacitors, see the Input and Output Capacitors section.
Figure 48. Basic Reference Connection
INPUT AND OUTPUT CAPACITORS
Input Capacitors
A 1 μF to 10 μF electrolytic or ceramic capacitor can be connected
to the input to improve transient response in applications where
the supply voltage can fluctuate. It is recommended to connect an
additional 0.1 μF ceramic capacitor in parallel to reduce supply
noise.
Output Capacitors
A COUT is required for stability and to filter out low level voltage
noise. The minimum value of COUT is 0.1 μF and can go as high as
10 μF for stability.
An additional 1 μF to 10 μF electrolytic or ceramic capacitor can be
added in parallel to improve transient performance in response to
sudden changes in load current.
The larger the output capacitor, the lower the bandwidth of the
output is, thus lowering the noise. However, increasing the output
capacitor increases the settling time and decreases the response
rate.
The ADR3625 is stable with a variety of capacitor types, includ-
ing ceramic, electrolytic (including polymer), tantalum, and film.
Small surface-mount capacitors have low effective series resistance
(ESR) and take up little board space. Place and connect the output
capacitor as close as possible to the VOUT FORCE pin. Use low
ESR capacitors.
START-UP TIME
The start-up time is determined by the output capacitance and
output load current. Figure 49 shows an example of the start-up
response when stepping the supply voltage and Figure 50 shows
an example of the start-up response when stepping the enable
voltage.
Figure 49. Star-Up Response (Input)
Figure 50. Start-Up Response (Enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com