Electronic Components Datasheet Search
  English  ▼

X  

ADR421 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR421
Description  Precision, Micropower, High Current Output Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR421 Datasheet HTML 11Page - Analog Devices ADR421 Datasheet HTML 12Page - Analog Devices ADR421 Datasheet HTML 13Page - Analog Devices ADR421 Datasheet HTML 14Page - Analog Devices ADR421 Datasheet HTML 15Page - Analog Devices ADR421 Datasheet HTML 16Page - Analog Devices ADR421 Datasheet HTML 17Page - Analog Devices ADR421 Datasheet HTML 18Page - Analog Devices ADR421 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADR3625
THEORY OF OPERATION
analog.com
Rev. 0 | 15 of 21
INTERNAL PROTECTION
The ADR3625 has two internal protection circuits for monitoring the
output current and internal junction temperature.
The ADR3625 has a current-limit circuit that limits the output source
current in the event of a short circuit from the VOUT FORCE pin to
ground. The limit is set to 90 mA (typical) and does not vary much
over temperature or input voltage.
An overtemperature shutdown circuit disables the output source
current when the internal junction temperature reaches 178°C.
There is 3°C of hysteresis. Once the junction temperature reduces
beyond the hysteresis, the output drive circuit reenables. Degrada-
tion can occur or reliability can be affected when the junction
temperature of the device exceeds 150°C.
LONG-TERM DRIFT
The stability of a precision signal path over its lifetime, or between
calibration procedures, is dependent on the long-term stability of
the analog components in its path, such as op amps, references,
and data converters. To help system designers predict the long-
term drift of the circuits that use the ADR3625, Analog Devices
measured the output voltage of multiple units for more than
4500 hours (more than 6 months) using a high precision measure-
ment system, including an ultrastable oil bath. To replicate the
real-world system performance, the devices under test (DUTs) were
soldered onto an FR4 PCB using a standard reflow profile (as
defined in the JEDEC J-STD-020D standard), rather than testing
them in sockets. This manner of testing is important because
expansion and contraction of the PCB can apply stress to the IC
package and contribute to shifts in the offset voltage.
Note that early life drift (0 hours to 250 hours) accounts for 50%
of the total drift observed over 4500 hours, as shown in Figure 43.
The first 1000 hours account for the 80% of the total drift, and the
remaining 3500 hours account for the remaining 20% of the drift.
Thus, the early life drift is the dominant contributor, whereas the
drift after 1000 hours is significantly lower.
Figure 43. Long-Term Drift
THERMAL HYSTERESIS
In addition to stability over time, as described in the Long-Term
Drift section, it is useful to know the thermal hysteresis, that is, the
stability vs. cycling of temperature. Thermal hysteresis is an impor-
tant parameter because it tells the system designer how closely the
signal returns to its starting amplitude after the ambient temperature
changes and the subsequent return to room temperature. Figure 44
shows the change in output voltage as the temperature cycles four
times from room temperature to +125°C to −40°C and back to room
temperature.
Other than the first full cycle, the output hysteresis is typically
−7 ppm. The histogram in Figure 45 shows that the hysteresis
is larger when the device cycles through only a half cycle, from
room temperature to 125°C and back to room temperature, typically
15 ppm.
Figure 44. Change in Output Voltage over Four Full Temperature Cycle
Figure 45. Output Voltage Hysteresis Histogram (−40°C to +125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com