Electronic Components Datasheet Search
  English  ▼

X  

LTC3613 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3613
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 2Page - Analog Devices LTC3613 Datasheet HTML 3Page - Analog Devices LTC3613 Datasheet HTML 4Page - Analog Devices LTC3613 Datasheet HTML 5Page - Analog Devices LTC3613 Datasheet HTML 6Page - Analog Devices LTC3613 Datasheet HTML 7Page - Analog Devices LTC3613 Datasheet HTML 8Page - Analog Devices LTC3613 Datasheet HTML 9Page - Analog Devices LTC3613 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
6 of 35
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configurations
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
1
PHMODE
Control Input to Phase Selector. Determines the phase relationship of the 4 channels.
Tie it to GND for 4-phase operation, tie it to INTVCC for 3-phase operation.
2, 3,12,
13, 26,
27, 36, 37
GND
Ground for Power and Signal Ground.
11
PVIN1
Channel 1 Power VIN . Input voltage to the on-chip Power MOSFETs.
4, 5
PVIN2
Channel 2 Power VIN . Input voltage to the on-chip Power MOSFETs.
34, 35
PVIN3
Channel 3 Power VIN . Input voltage to the on-chip Power MOSFETs.
28, 29
PVIN4
Channel 4 Power VIN . Input voltage to the on-chip Power MOSFETs.
8, 9
SW1
Channel 1 Switch Node Connection of External Inductor. Voltage swing of SW1 is from
a diode voltage drop below ground to a diode voltage above PVIN1.
6, 7
SW2
Channel 2 Switch Node Connection of External Inductor. Voltage swing of SW2 is from
a diode voltage drop below ground to a diode voltage above PVIN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com