Electronic Components Datasheet Search
  English  ▼

X  

CFS0303-SB Datasheet(PDF) 2 Page - Mimix Broadband

Part # CFS0303-SB
Description  0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFS0303-SB Datasheet(HTML) 2 Page - Mimix Broadband

  CFS0303-SB Datasheet HTML 1Page - Mimix Broadband CFS0303-SB Datasheet HTML 2Page - Mimix Broadband CFS0303-SB Datasheet HTML 3Page - Mimix Broadband CFS0303-SB Datasheet HTML 4Page - Mimix Broadband CFS0303-SB Datasheet HTML 5Page - Mimix Broadband CFS0303-SB Datasheet HTML 6Page - Mimix Broadband CFS0303-SB Datasheet HTML 7Page - Mimix Broadband CFS0303-SB Datasheet HTML 8Page - Mimix Broadband CFS0303-SB Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
0.1-10.0 GHz Low Noise, Medium Power
pHEMT in a Surface Mount Plastic Package
Page 2 of 17
CFS0303-SB
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2006 - Rev 23-May-06
Electrical Characteristics
Ta=25ºC, Typical device RF parameters measured in test system.
Parameters
Test Conditions
Min
Typ
Max
Units
Saturated Drain Current1
Vds=1.5V, Vgs=0V
120
165
200
mA
Pinch-off Voltage 1
Vds=1.5V, Ids=10% of Idss
-0.8
-0.65
-0.5
V
No RF, Quiescent Bias Current
Vgs=0.45V, Vds=2V
60
mA
Transconductance1
Vds=2.5V. Gm=Idss/Vp
190
250
mmho
Gate to Drain Leakage Current
Vgd = 5
250
µA
Gate Leakage Current
Vgd=Vgs= -4V
10
150
µA
Noise Figure
f=1000MHz
Vds=2V, Ids=10mA
0.3
dB
Vds=2V, Ids=20mA
0.35
dB
Vds=3V, Ids=20mA
0.3
0.7
dB
Vds=3V, Ids=60mA
0.18
0.53
dB
f=2GHz
Vds=2V, Ids=10mA
0.4
dB
Vds=2V, Ids=20mA
0.37
dB
Vds=3V, Ids=20mA
0.4
0.8
dB
Vds=3V, Ids=60mA
0.26
0.61
dB
Associated Gain 2
f=1000MHz
Vds=2V, Ids=10mA
19.7
dB
Vds=2V, Ids=20mA
20.8
dB
Vds=3V, Ids=20mA
21.1
dB
Vds=3V, Ids=60mA
22.4
dB
f=2GHz
Vds=2V, Ids=10mA
13.1
14.6
16.1
dB
Vds=2V, Ids=20mA
15.5
dB
Vds=3V, Ids=20mA
15.7
dB
Vds=3V, Ids=60mA
15.3
16.8
18.3
dB
Output Third Order Intercept Point
f=1000MHz
Vds=2V, Ids=10mA
22.5
dBm
Vds=2V, Ids=20mA
24.5
dBm
Vds=3V, Ids=20mA
24.0
26.5
dBm
Vds=3V, Ids=60mA
32.0
dBm
f=2GHz
Vds=2V, Ids=10mA
23.0
dBm
Vds=2V, Ids=20mA
25.5
dBm
Vds=3V, Ids=20mA
24.5
27.0
dBm
Vds=3V, Ids=60mA
32.5
dBm
1 dB Gain Compression Point 2
f=1000MHz
Vds=2V, Ids=10mA
12.5
dBm
Vds=2V, Ids=20mA
12.5
dBm
Vds=3V, Ids=20mA
14.0
16.0
dBm
Vds=3V, Ids=60mA
17.0
dBm
f=2GHz
Vds=2V, Ids=10mA
12.5
dBm
Vds=2V, Ids=20mA
12.5
dBm
Vds=3V, Ids=20mA
14.0
16.0
dBm
Vds=3V, Ids=60mA
17.0
dBm
Notes:
1. Guaranteed at wafer probe.
2. Measurements obtained at fixed tuned system.
Absolute Maximum Ratings
1
Parameter
Rating
Parameter
Rating
Parameter
Rating
Drain-Source Voltage 2
+5.5 V
Drain Current 2
Idss 3 A
Channel Temperature
+175ºC
Gate-Source Voltage 2
-5.0 V
Total Pwr Dissipation
560 mW
Storage Temperature
-65ºC to +160ºC
Gate-Drain Voltage 2
-5.0 V
RF Input Power
17 dBm
Thermal Resistance
98ºC/W
Notes:
1. Operation of this device above any one of these parameters may cause permanent damage
2. Assumes DC quiescent conditions. RF OFF.
3. Vgs=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com