Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4637
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4637 Datasheet HTML 6Page - Analog Devices LTM4637 Datasheet HTML 7Page - Analog Devices LTM4637 Datasheet HTML 8Page - Analog Devices LTM4637 Datasheet HTML 9Page - Analog Devices LTM4637 Datasheet HTML 10Page - Analog Devices LTM4637 Datasheet HTML 11Page - Analog Devices LTM4637 Datasheet HTML 12Page - Analog Devices LTM4637 Datasheet HTML 13Page - Analog Devices LTM4637 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
10 of 35
VIN = 12V, VOUT = 1.2V, IOUT = 2.5A to 5A, fSW = 1MHz
RITH = 10KΩ, CITH = 470pF, CITHP = 4.7pF
RFB1 = 10kΩ, RFB2 = 14 kΩ, COUT = 2 x 47µF, L = 0.6µH
Figure 10. Transient Response, FCM
VIN = 12V, VOUT = 1.2V, IOUT = 0.3A to 5A, fSW = 1MHz
RITH = 10KΩ, CITH = 470pF, CITHP = 4.7pF
RFB1 = 10kΩ, RFB2 = 14 kΩ, COUT = 2 x 47µF, L = 0.6µH
Figure 11. Transient Response, DCM
VIN = 12V, VOUT = 5V, IOUT = 2.5A to 5A, fSW = 1MHz
RITH = 4.99KΩ, CITH = 470pF, CITHP = 4.7pF
RFB1 = 10kΩ, RFB2 = 90.9 kΩ, COUT = 2 x 47µF, L = 1.5µH
Figure 12. Transient Response, FCM
VIN = 12V, VOUT = 5V, IOUT = 0.3A to 5A, fSW = 1MHz
RITH = 13KΩ, CITH = 470pF, CITHP = 4.7pF
RFB1 = 10kΩ, RFB2 = 90.9 kΩ, COUT = 2 x 47µF, L = 1.5µH
Figure 13. Transient Response, DCM
VIN = 12V, VOUT = 1.2V, IOUT = 1A to 20A, fSW = 1MHz
RITH = 4.99KΩ, CITH = 1nFpF, CITHP = 10pF
RFB1 = 10kΩ, RFB2 = 14 kΩ, COUT = 9 x 47µF, L1,2,3,4 = 0.6µH
Figure 14. Transient Response, FCM
VIN = 12V, VOUT = 1.2V, IOUT = 1A to 20A, fSW = 1MHz
RITH = 4.99KΩ, CITH = 1nFpF, CITHP = 10pF
RFB1 = 10kΩ, RFB2 = 14 kΩ, COUT = 9 x 47µF, L1,2,3,4 = 0.6µH
Figure 15. Transient Response, DCM
20µs/DIV
IL
5A/DIV
VOUT
AC COUPLED
100mV/DIV
IOUT
5A/DIV
20µs/DIV
IL
5A/DIV
VOUT
AC COUPLED
100mV/DIV
IOUT
5A/DIV
20µs/DIV
IL
5A/DIV
VOUT
AC COUPLED
100mV/DIV
IOUT
5A/DIV
20µs/DIV
IL
5A/DIV
VOUT
AC COUPLED
100mV/DIV
IOUT
5A/DIV
20µs/DIV
VOUT
AC COUPLED
50mV/DIV
IOUT
10A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com