Electronic Components Datasheet Search
  English  ▼

X  

RAF Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RAF
Description  Flat Termination Chip Resistor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RAF Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RAF Datasheet HTML 1Page - Stackpole Electronics, Inc. RAF Datasheet HTML 2Page - Stackpole Electronics, Inc. RAF Datasheet HTML 3Page - Stackpole Electronics, Inc. RAF Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev Date: 09/30/2020
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RAF Series
Flat Termination Chip Resistor Array
Stackpole Electronics, Inc.
Resistive Product Solutions
Soldering Condition
Performance Characteristics (cont.)
Power Derating Curve:
(1) Time of IR reflow soldering at maximum temperature point 260ºC: 10 seconds
(2) Time of wave soldering at maximum temperature point 260ºC: 10 seconds
(3) Time of soldering iron at maximum temperature point 410ºC: 5 seconds
± 1%
± 5%
Jumper
JIS-C-5201-1 4.33
IEC-60115-1 4.33
JIS-C-5201-1 4.17
IEC-60115-1 4.17
JIS-C-5201-1 4.18
IEC-60115-1 4.18
JIS-C-5201-1 4.7
IEC-60115-1 4.7
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
JIS-C-5201-1 4.19
IEC-60115-1 4.19
Operating Temperature Range: -55ºC +125ºC, 25ºC is the reference temperature
RCWV (Rated Continuous Working Voltage) =
or Max. Operating Voltage whichever is lower.
Storage Temperature: 25 ± 3ºC; Humidity < 80% RH
Individual leaching area
≤ 5%
Total leaching are
≤ 10%
Leaching
± (0.5% + 0.05 Ω)
± (1.0% + 0.05 Ω)
< 50m Ω
Rapid Change of
Temperature
260 ± 5ºC for 30 seconds
-55ºC to +125 / +155ºC, 5 cycles
± (1.0% + 0.05 Ω)
± (1.0% + 0.05 Ω)
Bending once for 5 seconds
with 3 mm
No breakdown or flashover
Voltage Proof
260 ± 5ºC for 10 seconds
1.42 times Max. Operating Voltage
for 1 minute
Solderability
95 % min. coverage
245 ± 5ºC for 3 seconds
Resistance to
Soldering Heat
± (0.5% + 0.05 Ω)
± (1.0% + 0.05 Ω)
< 50m Ω
Bending Strength
< 50m Ω
Test
Test Method
Test Condition
Test Specification
√ P*R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com