Electronic Components Datasheet Search
  English  ▼

X  

RMCA Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # RMCA
Description  Automotive Grade Anti-sulfur and AEC Compliant Thick Film Chip Resistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCA Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

Back Button RMCA Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCA Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCA Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCA Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCA Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCA Datasheet HTML 7Page - Stackpole Electronics, Inc. RMCA Datasheet HTML 8Page - Stackpole Electronics, Inc. RMCA Datasheet HTML 9Page - Stackpole Electronics, Inc. RMCA Datasheet HTML 10Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Rev Date: 5/17/2022
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCA Series
Automotive Grade Anti-sulfur and AEC Compliant Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Paper Tape Specifications
Embossed Tape Specifications
Size
Unit
0.028 ± 0.004
0.047 ± 0.004
inches
0.70 ± 0.10
1.20 ± 0.10
mm
0.041 ± 0.008
0.071 ± 0.008
inches
1.05 ± 0.20
1.80 ± 0.20
mm
0.061 ± 0.008
0.091 ± 0.008
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
1.55 ± 0.20
2.30 ± 0.20
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
0.075 ± 0.008
0.138 ± 0.008
inches
1.90 ± 0.20
3.50 ± 0.20
mm
0.112 ± 0.008
0.138 ± 0.008
inches
2.85 ± 0.20
3.50 ± 0.20
mm
Size
Unit
0.018 ± 0.004
0.079 ± 0.004
inches
0.45 ± 0.10
2.00 ± 0.10
mm
0.024 ± 0.004
0.157 ± 0.004
inches
0.60 ± 0.10
4.00 ± 0.10
mm
0.157 ± 0.004
0.079 ± 0.002
0.030 ± 0.004
0.059
0.157 ± 0.004
inches
4.00 ± 0.10
2.00 ± 0.05
0.75 ± 0.10
1.50
4.00 ± 0.10
mm
0.030 ± 0.004
0.157 ± 0.004
inches
0.75 ± 0.10
4.00 ± 0.10
mm
0.030 ± 0.004
0.157 ± 0.004
inches
0.75 ± 0.10
4.00 ± 0.10
mm
RMCA1206
RMCA1210
RMCA0603
RMCA0805
+0.004/-0
+0.1/-0
H
T
D
P
RMCA0402
G
RMCA1206
RMCA1210
RMCA0805
RMCA0402
RMCA0603
A
B
W
E
F
Size
Unit
0.110 ± 0.008
0.220 ± 0.008
inches
2.80 ± 0.20
5.60 ± 0.20
0.472 ± 0.004
0.069 ± 0.004
0.217 ± 0.002
0.157 ± 0.004
mm
0.134 ± 0.008
0.264 ± 0.008
12.00 ± 0.10
1.75 ± 0.10
5.50 ± 0.05
4.00 ± 0.10
inches
3.40 ± 0.20
6.70 ± 0.20
mm
Size
Unit
0.033 ± 0.006
inches
0.85 ± 0.15
mm
0.079 ± 0.002
0.009 ± 0.004
0.059
0.059 ± 0.004
0.033 ± 0.006
0.157 ± 0.004
inches
2.00 ± 0.05
0.23 ± 0.10
1.50
1.50 ± 0.10
0.85 ± 0.15
4.00 ± 0.10
mm
0.037 ± 0.006
inches
0.95 ± 0.15
mm
RMCA2010
RMCA2010
H
T
D
RMCA2512
(-HP and -UP)
F
G
P
A
B
W
E
D1
T1
RMCA2512_-HP
RMCA2512_-UP
RMCA2512
+0.004/-0
+0.10/-0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com