Electronic Components Datasheet Search
  English  ▼

X  

RMEF Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # RMEF
Description  General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMEF Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  RMEF Datasheet HTML 1Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev Date: 8/27/2021
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMEF Series
General Purpose Thick Film Chip Resistor
100% RoHS Compliant Without Exemption
Stackpole Electronics, Inc.
Resistive Product Solutions
Repetitive Pulse Information
(This information is for reference only and is not guaranteed performance.)
If repetitive pulses are applied to resistors, pulse wave form must be less than “Pulse limiting voltage”, “Pulse limiting
current” or “Pulse limiting wattage” calculated by the formula below.
Where: Vp:
Pulse limiting voltage (V)
lp:
Pulse limiting current (A)
Pp:
Pulse limiting wattage (W)
P:
Power rating (W)
R:
Nominal resistance (ohm)
T:
Repetitive period (sec)
t:
Pulse duration (sec)
K:
Coefficient by resistors type (refer to below matrix)
[Vr:
Rated Voltage (V), Ir: Rated Current (A)]
Note 1:
If T > 10 → T = 10 (sec), T / t > 1000 → T / t = 1000
Note 2:
If T > 10 and T / t > 1000, “Pulse Limiting power (Single pulse) is applied
Note 3:
If Vp < Vr (lp < lr or Pp < P), Vr (lr, P) is Vp (lp, Pp)
Note 4:
Pulse limiting voltage (current, wattage) is applied at less than rated ambient temperature. If ambient
temperature is more than the rated temperature (70°C), please decrease power rating according to “Power Derating
Curve”
Note 5:
Please assure sufficient margin fo
r use period and conditions for “Pulse limiting voltage”
Note 6:
If the pulse waveform is not square wave, please judge after transform the waveform into square wave
according to the “Waveform Transformation to Square Wave”.
Coefficient (K) Matrix
Resistor Type
K
R < 10 Ω
0.50
10 Ω ≤ R < 100 Ω
0.45
100 Ω ≤ R < 1K Ω
0.35
1K Ω ≤ R < 10K Ω
0.25
10K Ω ≤ R
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com