Electronic Components Datasheet Search
  English  ▼

X  

K814P. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # K814P.
Description  Optocoupler, Phototransistor Output, AC Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K814P. Datasheet(HTML) 3 Page - Vishay Siliconix

  K814P. Datasheet HTML 1Page - Vishay Siliconix K814P. Datasheet HTML 2Page - Vishay Siliconix K814P. Datasheet HTML 3Page - Vishay Siliconix K814P. Datasheet HTML 4Page - Vishay Siliconix K814P. Datasheet HTML 5Page - Vishay Siliconix K814P. Datasheet HTML 6Page - Vishay Siliconix K814P. Datasheet HTML 7Page - Vishay Siliconix K814P. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 83523
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.1, 10-Dec-08
533
K814P, K824P, K844P
Optocoupler, Phototransistor
Output, AC Input
Vishay Semiconductors
Fig. 1 - Test Circuit, Non-Saturated Operation
Fig. 2 - Test Circuit, Saturated Operation
Fig. 3 - Switching Times
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 4 - Total Power Dissipation vs. Ambient Temperature
Fig. 5 - Forward Current vs. Forward Voltage
Channel I
Channel II
13343
RG = 50 Ω
tp
tp = 50 µs
T
= 0.01
+ 5 V
IF
0
50
Ω
100
Ω
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
RL > 1 MΩ
CL < 20 pF
Channel I
Channel II
13344
RG = 50
tp
tp = 50 µs
T
= 0.01
+ 5 V
IF
0
50
1 k
IF = 10 mA
IC
Oscilloscope
RL > 1 M
CL < 20 pF
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)Turn-off time
96 11698
0
50
100
150
200
250
300
040
80
120
T
amb - Ambient Temperature (°C)
96 11700
Coupled device
Phototransistor
IR-diode
0.1
1
10
100
1000
0
VF - Forward Voltage (V)
96 11862
1.6
0.2
1.4
1.2
1.0
0.8
0.6
0.4
2.0
1.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com