Electronic Components Datasheet Search
  English  ▼

X  

K845P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K845P
Description  Optocoupler, Photodarlington Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K845P Datasheet(HTML) 1 Page - Vishay Siliconix

  K845P Datasheet HTML 1Page - Vishay Siliconix K845P Datasheet HTML 2Page - Vishay Siliconix K845P Datasheet HTML 3Page - Vishay Siliconix K845P Datasheet HTML 4Page - Vishay Siliconix K845P Datasheet HTML 5Page - Vishay Siliconix K845P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
K815P, K825P, K845P
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 24-Sep-12
1
Document Number: 83524
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Photodarlington Output
DESCRIPTION
In the K815P, K825P, K845P parts, each channel consist of
a photodarlington optically coupled to a gallium arsenide
infrared-emitting diode in an 4 pin, 8 pin, and 16 pin plastic
dual inline package.
The elements are mounted on one leadframe providing a
fixed distance between input and output for highest safety
requirements.
FEATURES
• Endstackable to 2.54 mm (0.1") spacing
• Isolation test voltage 5300 VRMS
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Material
categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Programmable logic controllers
•Modems
• Answering machines
• General applications
AGENCY APPROVALS
• UL1577, file no. E76222 system code C, double protection
• CSA 22.2 bulletin 5A, double protection
• CQC: GB8898-2001 (K815P only)
A 1
C
A
C
1
ORDERING INFORMATION
K8
#
5
P
PART NUMBER
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, cUL
> 600
DIP-4 (CQC)
K815P
DIP-8
K825P
DIP-16
K845P
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp
≤ 10 μs
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
7.62 mm
DIP-4/DIP-8/DIP-16


Similar Part No. - K845P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K845P VISHAY-K845P Datasheet
172Kb / 9P
Optocoupler with Photodarlington Output
29-Jun-99
K845P VISHAY-K845P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results

Similar Description - K845P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
Optocoupler with Photodarlington Output
26-Jan-05
K815P VISHAY-K815P Datasheet
172Kb / 9P
Optocoupler with Photodarlington Output
29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
Optocoupler with Photodarlington Output
11-Jan-99
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
Optocoupler with Photodarlington Output
19-Mar-01
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
Optocoupler with Photodarlington Output
15-Dec-00
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com