Electronic Components Datasheet Search
  English  ▼

X  

SFH691AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH691AT
Description  Optocoupler, Phototransistor Output, SOP-4, AC Input,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH691AT Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH691AT Datasheet HTML 1Page - Vishay Siliconix SFH691AT Datasheet HTML 2Page - Vishay Siliconix SFH691AT Datasheet HTML 3Page - Vishay Siliconix SFH691AT Datasheet HTML 4Page - Vishay Siliconix SFH691AT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SFH691AT
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 12-Apr-13
2
Document Number: 83719
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices.
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
DC forward current
IF
± 50
mA
Surge forward current
tp 10 μs
IFSM
± 2.5
A
Total power dissipation
Pdiss
80
mW
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
tp  1 ms
IC
100
mA
Total power dissipation
Pdiss
150
mW
COUPLER
Isolation test voltage between emitter
and detector
1 s
VISO
3750
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature (1)
max. 10 s dip soldering distance
to seating plane
1.5 mm
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 5 mA
VF
1.15
1.4
V
Capacitance
VR = 0 V, f = 1 MHz
CO
29
pF
Thermal resistance
Rthja
750
°C/W
OUTPUT
Collector emitter leakage current
VCE = 20 V
ICEO
100
nA
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
5pF
Thermal resistance
Rthja
500
°C/W
COUPLER
Collector emitter saturation voltage
IF = ± 10 mA, IC = 2 mA
VCEsat
0.1
0.3
V
Coupling capacitance
f = 1 MHz
CC
0.4
pF
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = ± 5 mA, VCE = 5 V
CTR
50
120
300
%
CTR1/CTR2
CTR1 = IC1/IF1, CTR2 = IC2/IF2
0.3
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com