Electronic Components Datasheet Search
  English  ▼

X  

VOL628AT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VOL628AT
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOL628AT Datasheet(HTML) 5 Page - Vishay Siliconix

  VOL628AT Datasheet HTML 1Page - Vishay Siliconix VOL628AT Datasheet HTML 2Page - Vishay Siliconix VOL628AT Datasheet HTML 3Page - Vishay Siliconix VOL628AT Datasheet HTML 4Page - Vishay Siliconix VOL628AT Datasheet HTML 5Page - Vishay Siliconix VOL628AT Datasheet HTML 6Page - Vishay Siliconix VOL628AT Datasheet HTML 7Page - Vishay Siliconix VOL628AT Datasheet HTML 8Page - Vishay Siliconix VOL628AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VOL628A
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 09-Aug-2018
5
Document Number: 82401
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - Normalized Current Transfer Ratio vs.
Ambient Temperature (saturated)
Fig. 11 - Normalized Current Transfer Ratio vs.
Ambient Temperature (non-saturated)
Fig. 12 - Normalized Current Transfer Ratio (non-saturated) vs.
Forward Current
Fig. 13 - Normalized Current Transfer Ratio (saturated) vs.
Forward Current
Fig. 14 - Phase Angle vs. Frequency
Fig. 15 - fCTR vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V, Tamb = 25 °C
-60 -40 -20
0
20
40
60
80 100 120
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V, Tamb = 25 °C
-60 -40 -20
0
20
40
60
80 100 120
0.0
0.5
1.0
1.5
2.0
2.5
0.1
1
10
100
I
F
- Forward Current (mA)
T
amb = 0 °C
T
amb = 110 °C
T
amb = -55 °C
T
amb = 25 °C
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V,
T
amb = 25 °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = -55 °C
T
amb = 25 °C
T
amb = 110 °C
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V,
T
amb = 25 °C
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
f - Cut-off Frequency (kHz)
V
CE = 5 V
R
L = 100 Ω
R
L = 1000 Ω
1
10
100
1000
0.1
1
10
100
I
C (mA)
V
CC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com