Electronic Components Datasheet Search
  English  ▼

X  

RTAN Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # RTAN
Description  Tantalum Nitride Thin Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RTAN Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  RTAN Datasheet HTML 1Page - Stackpole Electronics, Inc. RTAN Datasheet HTML 2Page - Stackpole Electronics, Inc. RTAN Datasheet HTML 3Page - Stackpole Electronics, Inc. RTAN Datasheet HTML 4Page - Stackpole Electronics, Inc. RTAN Datasheet HTML 5Page - Stackpole Electronics, Inc. RTAN Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev Date: 7/1/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RTAN Series
Tantalum Nitride Thin Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Soldering Condition:
The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260°C for 10 seconds.
Therefore, it is possible to mount surface mount resistors on one side of a PCB and other discrete components on the
reverse (mixed PCBs).
Surface mount resistors are tested for solderability at 235°C during 2 seconds within lead-free solder bath. The test
condition for no leaching is 260°C for 30 seconds. Typical examples of soldering profile and condition that provide reliable
joints without any damage are given on the picture on the right.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com