Electronic Components Datasheet Search
  English  ▼

X  

RAVF328N Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RAVF328N
Description  Convex Termination Chip Resistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RAVF328N Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RAVF328N Datasheet HTML 1Page - Stackpole Electronics, Inc. RAVF328N Datasheet HTML 2Page - Stackpole Electronics, Inc. RAVF328N Datasheet HTML 3Page - Stackpole Electronics, Inc. RAVF328N Datasheet HTML 4Page - Stackpole Electronics, Inc. RAVF328N Datasheet HTML 5Page - Stackpole Electronics, Inc. RAVF328N Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 7/30/2021
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RAVF Series
Convex Termination Chip Resistor Array
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Terminations
RAVF - 2 Resistors / 4 Terminations (D)
RAVF - 4 Resistors / 8 Terminations (D)
RAVF - 8 Resistors / 10 Terminations (N/R)
Performance Characteristics
Test
Test Result (JIS C 5202)
Load Life in Moisture
±3%
Temperature cycle
±1%
Load Life
±3%
Resistance to Soldering heat
±1%
Terminal Adhesion
±1%
Short Time Overload
±2%
Operating temperature range is -55°C to +155°C, except for RAVF328N and RAVF328R
Operating temperature range for RAVF328N and RAVF328R is -55°C to +125°C
0.039 ± 0.004 0.039 ± 0.004 0.014 ± 0.004 0.026 ± 0.039
0.013 ± 0.004 0.010 ± 0.039
0.006 ± 0.004 Inches
1.00 ± 0.10
1.00 ± 0.10
0.35 ± 0.10
0.67 ± 1.00
0.34 ± 0.10
0.25 ± 1.00
0.15 ± 0.10
mm
0.079 ± 0.008 0.039 ± 0.006 0.014 ± 0.006 0.020 ± 0.006 0.012 ± 0.004 0.017 ± 0.004 0.008
0.008 ± 0.004 Inches
2.00 ± 0.20
1.00 ± 0.15
0.35 ± 0.15
0.50 ± 0.15
0.30 ± 0.10
0.43 ± 0.10
0.20
0.20 ± 0.10
mm
0.063 ± 0.006 0.063 ± 0.006 0.020 ± 0.006 0.031 ± 0.002
0.024 ± 0.006 0.012 ± 0.006
0.012 ± 0.006 Inches
1.60 ± 0.15
1.60 ± 0.15
0.50 ± 0.15
0.80 ± 0.05
0.60 ± 0.15
0.30 ± 0.15
0.30 ± 0.15
mm
0.126 ± 0.008 0.063 ± 0.008 0.020 ± 0.004 0.031 ± 0.008 0.020 ± 0.006 0.024 ± 0.006 0.012 ± 0.008
0.012 ± 0.008 Inches
3.20 ± 0.20
1.60 ± 0.20
0.50 ± 0.10
0.80 ± 0.20
0.50 ± 0.15
0.61 ± 0.15
0.30 ± 0.20
0.30 ± 0.20
mm
0.157 ± 0.008 0.063 ± 0.006 0.016 ± 0.004 0.020 ± 0.006 0.010 ± 0.004 0.015 ± 0.004 0.012 ± 0.008
0.012 ± 0.008 Inches
4.00 ± 0.20
1.60 ± 0.15
0.40 ± 0.10
0.50 ± 0.15
0.25 ± 0.10
0.38 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
mm
0.201 ± 0.009 0.122 ± 0.008 0.022 ± 0.006 0.051 ± 0.008 0.031 ± 0.008 0.031 ± 0.008 0.022 ± 0.012
0.020 ± 0.008 Inches
5.10 ± 0.22
3.10 ± 0.20
0.55 ± 0.15
1.30 ± 0.20
0.80 ± 0.20
0.80 ± 0.20
0.55 ± 0.30
0.50 ± 0.20
mm
0.126 ± 0.006 0.063 ± 0.006 0.022 ± 0.004 0.025 ± 0.002 0.013 ± 0.006 0.019 ± 0.006 0.010 ± 0.006
0.012 ± 0.008 Inches
3.20 ± 0.15
1.60 ± 0.15
0.55 ± 0.10
0.64 ± 0.05
0.34 ± 0.15
0.49 ± 0.15
0.25 ± 0.15
0.30 ± 0.20
mm
0.126 ± 0.006 0.063 ± 0.006 0.022 ± 0.004 0.025 ± 0.002 0.013 ± 0.006 0.019 ± 0.006 0.010 ± 0.006
0.012 ± 0.008 Inches
3.20 ± 0.15
1.60 ± 0.15
0.55 ± 0.10
0.64 ± 0.05
0.34 ± 0.15
0.49 ± 0.15
0.25 ± 0.15
0.30 ± 0.20
mm
Q
Termination
Width
RAVF102D
-
RAVF328R
RAVF324D
-
RAVF164D
RAVF162D
RAVF328N
RAVF168D
RAVF104D
+0.006/-0.004
+0.15/-0.10
Unit
Type/Code
# of Elements
Circuit Type
-
-
D
Bottom
Termination
A
Top
Termination
L
Body Length
W
Body Width
R
Termination
Width
H
Body Height
P
Element
Spacing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com