Electronic Components Datasheet Search
  English  ▼

X  

RSMF3 Datasheet(PDF) 9 Page - Stackpole Electronics, Inc.

Part # RSMF3
Description  General Purpose Metal Oxide Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RSMF3 Datasheet(HTML) 9 Page - Stackpole Electronics, Inc.

  RSMF3 Datasheet HTML 1Page - Stackpole Electronics, Inc. RSMF3 Datasheet HTML 2Page - Stackpole Electronics, Inc. RSMF3 Datasheet HTML 3Page - Stackpole Electronics, Inc. RSMF3 Datasheet HTML 4Page - Stackpole Electronics, Inc. RSMF3 Datasheet HTML 5Page - Stackpole Electronics, Inc. RSMF3 Datasheet HTML 6Page - Stackpole Electronics, Inc. RSMF3 Datasheet HTML 7Page - Stackpole Electronics, Inc. RSMF3 Datasheet HTML 8Page - Stackpole Electronics, Inc. RSMF3 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev Date: 3/3/2022
9
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF / RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
R
S
F
1
2
J
T
R
4
7
0
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent,
such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
“Conflict Metals” Commitment
We at Stackpole E
lectronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the Eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/
EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
RoHS Compliance Status
RSF
General Purpose Metal Oxide
Leaded Resistor
Axial
YES
99.3/0.7 Sn/Cu
100% Matte Sn
Apr-05 (Japan)
Jan-04 (Taiwan, China)
05/14
04/01
RSMF
Mini-Metal Oxide Leaded Resistor
Axial
YES
99.3/0.7 Sn/Cu
100% Matte Sn
Apr-05 (Japan)
Jan-04 (Taiwan, China)
05/14
04/01
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant
Lead-Free Termination
Composition
Resistance Value
RSF
Metal Oxide
Size
W
Code
Tol
Value
Code
Description
Size
Quantity
RSMF
Mini
12
0.5
F
1%
E96
RSMF12, PRSM12
5000
PRSF
Panasert
1
1
G
2%
PRSM
Panasert Mini
2
2
J
5%
3
3
PRSF1, PRSM2
2000
0.22 ohm = R220
5
5
RSF2, RSMF3
1000
33.2 ohm = 33R2
RSF3, RSMF5
1000
10.2 Kohm = 10K2
T
Tape and Reel
RSF5
500
1 Mohm = 1M00
RSMF12
5000
RSF12; RSMF1, PRSM12
2000
RSF3, RSF5, RSMF5
500
B
Bulk
All Sizes
1000
Ammo
RSF1, RSF2, RSMF2,
PRSF1, PRSM2, RSMF3
Power Rating
E24
RSF12, RSF1
RSMF1, RSMF2
Four characters with
the multiplier used as
the decimal holder.
Product Series
Tolerance
1000
T
Tape and Reel
2500
Packaging
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com