Electronic Components Datasheet Search
  English  ▼

X  

RAVF164D Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # RAVF164D
Description  Convex Termination Chip Resistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RAVF164D Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  RAVF164D Datasheet HTML 1Page - Stackpole Electronics, Inc. RAVF164D Datasheet HTML 2Page - Stackpole Electronics, Inc. RAVF164D Datasheet HTML 3Page - Stackpole Electronics, Inc. RAVF164D Datasheet HTML 4Page - Stackpole Electronics, Inc. RAVF164D Datasheet HTML 5Page - Stackpole Electronics, Inc. RAVF164D Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 7/30/2021
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RAVF Series
Convex Termination Chip Resistor Array
Stackpole Electronics, Inc.
Resistive Product Solutions
Isolated Circuit - 2D
Isolated Circuit - 4D
Isolated Circuit - 8D
Bussed Circuit - N
Bussed Circuit - R
Features:
•
Thick film resistor element
•
Multiple circuit types available
•
Ideal SMD substitute for leaded networks
•
Auto-placement capability
•
Square corner construction standard
•
Zero-ohm jumper available
•
RAVF 324D is standard with scalloped corner
•
Styles 102D, 104D and 164D are qualified to AEC-Q200
•
RoHS compliant and halogen free
•
Halogen free
•
REACH compliant
Electrical Specifications
Schematics
1%
2%, 5%
± 400
-
1 - 9.1
± 200
Jumper: 1A
0.025 max
0.05 max
± 400
-
1 - 9.1
± 200
Jumper: 1A
0.025 max
0.05 max
0.063
50
100
± 200
10 - 1M
1 - 1M
Jumper: 1A
-
-
0.05 max
± 400
-
1. - 9.1
± 200
10 - 1M
10 - 1M
Jumper: 1A
0.025 max
0.05 max
± 250
-
1 - 1M
± 200
10 - 1M
-
Jumper: 1A
-
-
0.05 max
RAVF324D
0.125
200
400
± 200
22 - 1M
10 - 1M
RAVF328N
0.063
25
50
± 200
-
22 - 1M
RAVF328R
0.063
25
50
± 200
-
22 - 1M
Ohmic Range (Ω) and Tolerance
Maximum
Overload
Voltage (V)
TCR (ppm/ºC)
Maximum
Working Voltage
(V)
(1)
Power Rating (W)
(per element)
@ 70ºC
Type/Code,
# of Elements,
Circuit Type
0.063
RAVF102D
(1) Lesser of
or maximum working voltage.
0.063
25
50
25
0.1
50
100
50
RAVF164D
RAVF168D
10 - 1M
10 - 1M
RAVF104D
50
0.063
RAVF162D
25
√ P*R


Similar Part No. - RAVF164D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RAVF164D ETC2-RAVF164D Datasheet
169Kb / 3P
Convex Termination Chip Resistor Array
More results

Similar Description - RAVF164D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1H2K KOA-CN1H2K Datasheet
108Kb / 2P
convex termination with square corners resistor array
CN1E4KRTTD103J KOA-CN1E4KRTTD103J Datasheet
306Kb / 2P
anti sulfuration chip networks (convex termination)
CN1J4ATTD101J KOA-CN1J4ATTD101J Datasheet
242Kb / 2P
convex termination with scalloped corners resistor array
CN1J4KTTD101J KOA-CN1J4KTTD101J Datasheet
257Kb / 2P
convex termination with square corners resistor array
logo
List of Unclassifed Man...
RAVF102D ETC2-RAVF102D Datasheet
169Kb / 3P
Convex Termination Chip Resistor Array
logo
KOA Speer Electronics, ...
CN-A KOA-CN-A Datasheet
390Kb / 2P
convex termination with scalloped corners resistor array
CN-K-N KOA-CN-K-N Datasheet
349Kb / 2P
convex termination with square corners resistor array
logo
Stackpole Electronics, ...
RACF SEI-RACF Datasheet
352Kb / 4P
Concave Termination Chip Resistor Array
03/26/2020
RAF SEI-RAF Datasheet
407Kb / 4P
Flat Termination Chip Resistor Array
09/30/2020
RAVS SEI-RAVS Datasheet
247Kb / 4P
Convex Anti-Sulfur Chip Array
11/18/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com