Electronic Components Datasheet Search
  English  ▼

X  

RVC2512 Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # RVC2512
Description  Medium Voltage Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RVC2512 Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  RVC2512 Datasheet HTML 1Page - Stackpole Electronics, Inc. RVC2512 Datasheet HTML 2Page - Stackpole Electronics, Inc. RVC2512 Datasheet HTML 3Page - Stackpole Electronics, Inc. RVC2512 Datasheet HTML 4Page - Stackpole Electronics, Inc. RVC2512 Datasheet HTML 5Page - Stackpole Electronics, Inc. RVC2512 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev Date: 01/23/2019
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RVC Series
Medium Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Embossed Plastic Tape Specifications
Type / Code
Unit
0.110 ± 0.004
0.217 ± 0.004
0.472 ± 0.012
0.069 ± 0.004
0.217 ± 0.002
inches
2.80 ± 0.10
5.50 ± 0.10
12.00 ± 0.30
1.75 ± 0.10
5.50 ± 0.05
mm
0.138 ± 0.004
0.264 ± 0.004
0.472 ± 0.012
0.069 ± 0.004
0.217 ± 0.002
inches
3.50 ± 0.10
6.70 ± 0.10
12.00 ± 0.30
1.75 ± 0.10
5.50 ± 0.05
mm
Type / Code
Unit
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.10
mm
1.20
1.20
0.047
0.047
RVC2010
RVC2512
P0
P1
P2
D
T
F
RVC2512
A
B
W
E
RVC2010
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
“Conflict Metals” Commitment
We at Stackpole E
lectronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
RoHS Compliance Status
RVC
Medium Voltage Thick Film
Surface Mount Chip Resistor
SMD
YES(1)
100% Matte Sn over Ni
Jan-03
03/01
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Note (1): RoHS Compliant by means of exemption 7c-I.
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series RoHS
Compliant
Lead-Free Termination
Composition



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com