Electronic Components Datasheet Search
  English  ▼

X  

SPR Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # SPR
Description  Discharge Path Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

SPR Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  SPR Datasheet HTML 1Page - Stackpole Electronics, Inc. SPR Datasheet HTML 2Page - Stackpole Electronics, Inc. SPR Datasheet HTML 3Page - Stackpole Electronics, Inc. SPR Datasheet HTML 4Page - Stackpole Electronics, Inc. SPR Datasheet HTML 5Page - Stackpole Electronics, Inc. SPR Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 10/22/2020
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
SPR / SPRM Series
Discharge Path Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Excellent anti-surge characteristics
•
Stable characteristics through the resistance range
•
Applications include power supplies, CRT’s and
anti-surge circuits
•
Good alternative to carbon composition resistors
•
Cut and formed product is available on select sizes;
contact Stackpole for details
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
Mechanical Specifications
Performance Characteristics (JIS C 5201-1)
0.354 ± 0.039
0.118 ± 0.020
1.102 ± 0.079
0.028 ± 0.002
inches
9.00 ± 1.00
3.00 ± 0.50
28.00 ± 2.00
0.70 ± 0.05
mm
0.591 ± 0.039
0.197 ± 0.020
1.378 ± 0.118
0.031 ± 0.002
inches
15.00 ± 1.00
5.00 ± 0.50
35.00 ± 3.00
0.80 ± 0.05
mm
Lead Length (Bulk)
D
Lead Diameter
SPR1
Type / Code
Unit
SPRM12
A
Body Length
B
Body Diameter
C
Maximum
Maximum
Surge
Type / Code
Working
Overload
Withstanding
Voltage
Voltage (V)
Voltage (KV)
5%
SPRM12
0.5
2500
SPR1
1
5000
Power Rating (W)
@ 70ºC
Ohmic Range (Ω) and Tolerance
10
1M - 12M
E=√ P*R
Test
Test Results
Moisture Resistance
± 5%
Temperature Cycling
± 1%
Load Life
± 5%
Resistance to Soldering Heat
± 1%
Short Time Overload
± 2%
Discharge
± 10%
Operating Temperature Range: -55ºC to +155ºC


Similar Part No. - SPR

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SPR SYSTEMSENSOR-SPR Datasheet
1Mb / 4P
Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
logo
IDEM Safety Switches
SPR IDEM-SAFETY-SPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
Texas Instruments
SPR-1-08 TI-SPR-1-08 Datasheet
139Kb / 3P
SILICON MULTI-CHANNEL DETECTOR ARRAY
SPR-1-08BPL TI-SPR-1-08BPL Datasheet
139Kb / 3P
SILICON MULTI-CHANNEL DETECTOR ARRAY
SPR-1-10BPL TI-SPR-1-10BPL Datasheet
139Kb / 3P
SILICON MULTI-CHANNEL DETECTOR ARRAY
More results

Similar Description - SPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KNB1530 ETC1-KNB1530 Datasheet
92Kb / 2P
With discharge resistor
logo
ON Semiconductor
NCP334 ONSEMI-NCP334 Datasheet
271Kb / 10P
2A Ultra-Small Controlled Load Switch with Auto-Discharge Path
August, 2012 ??Rev. 1
NCP432 ONSEMI-NCP432 Datasheet
122Kb / 7P
1.5A Ultra-Small Controlled Load Switch with Auto-Discharge Path
December, 2013 ??Rev. 1
NCP333 ONSEMI-NCP333 Datasheet
180Kb / 10P
Ultra-Small Controlled Load Switch Auto-Discharge Path
May, 2014 ??Rev. 1
logo
Dialog Semiconductor
SLG59M1730C DIALOG-SLG59M1730C Datasheet
679Kb / 18P
Integrated VOUT Discharge Resistor
SLG59M1736C DIALOG-SLG59M1736C Datasheet
601Kb / 16P
Integrated VOUT Discharge Resistor
logo
Renesas Technology Corp
ISL94202 RENESAS-ISL94202 Datasheet
3Mb / 89P
Series Charge/Discharge Path 3-to-8 Cell Li-Ion Battery Pack Monitor
logo
ABLIC Inc.
S-82G1A ABLIC-S-82G1A Datasheet
618Kb / 38P
CHARGE-DISCHARGE CURRENT PATH SEPARATION CIRCUIT COMPATIBLE BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
S-82G1B ABLIC-S-82G1B Datasheet
562Kb / 34P
CHARGE-DISCHARGE CURRENT PATH SEPARATION CIRCUIT COMPATIBLE BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
logo
STMicroelectronics
STUSB4710 STMICROELECTRONICS-STUSB4710 Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com