Electronic Components Datasheet Search
  English  ▼

X  

SP_SERIES Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # SP_SERIES
Description  Fusing Wirewound Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

SP_SERIES Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  SP_SERIES Datasheet HTML 1Page - Stackpole Electronics, Inc. SP_SERIES Datasheet HTML 2Page - Stackpole Electronics, Inc. SP_SERIES Datasheet HTML 3Page - Stackpole Electronics, Inc. SP_SERIES Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 4/30/2021
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
SP Series
Fusing Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
High performance for low cost
•
Complete welded terminations
•
Tinned copper leads
•
High temperature silicone coating
•
Flameproof feature meets UL1412
•
Bulk packaging available
– contact Stackpole for package quantities
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Power Derating Curve:
Electrical Specifications
Mechanical Specifications
0.500 ± 0.062
0.218 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
12.70 ± 1.57
5.54 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
Operating Temperature: -55°C to + 350°C
(1) See Packaging Specifications for lead length dimension for tape and reel packaged product
SP3A
Type/Code
A
B
C
Unit
D
(Bulk)(1)
Type/Code
SP3A
1000
4
± 20
10 - 100
Max Voltage Rating =
Power Rating (W)
@ 25°C
TCR (ppm/ºC)
Ohmic Values (
Ω) and
Tolerance
5%
Dielectric Strength
(V)
√P*R


Similar Part No. - SP_SERIES

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
Miniature Pushbutton Switches
More results

Similar Description - SP_SERIES

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RF731J KOA-RF731J Datasheet
121Kb / 2P
fusing flat chip resistor
RF25CT52A100J KOA-RF25CT52A100J Datasheet
127Kb / 2P
coat-insulated fusing resistor
RF732BTTD100J KOA-RF732BTTD100J Datasheet
266Kb / 2P
fusing flat chip resistor
logo
List of Unclassifed Man...
SP3AJT100R ETC2-SP3AJT100R Datasheet
90Kb / 2P
UL1412 Certified Fusing Wirewound Resistor
logo
KOA Speer Electronics, ...
RF73 KOA-RF73 Datasheet
385Kb / 2P
fusing flat chip resistor
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
logo
Stackpole Electronics, ...
FRN SEI-FRN Datasheet
605Kb / 7P
Fusing Resistor
10/22/2020
RWT SEI-RWT Datasheet
222Kb / 4P
Thermal Fusing Vertical Mount Resistor
11/30/2020
WWF SEI-WWF Datasheet
217Kb / 4P
General Purpose Fusing Wirewound Resistor
11/23/2020
WWP SEI-WWP Datasheet
355Kb / 5P
Pulse Withstanding Wirewound Resistor
5/24/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com