Electronic Components Datasheet Search
  English  ▼

X  

WCB Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # WCB
Description  Welded Ceramic Housed Axial Leaded Wirewound Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

WCB Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  WCB Datasheet HTML 1Page - Stackpole Electronics, Inc. WCB Datasheet HTML 2Page - Stackpole Electronics, Inc. WCB Datasheet HTML 3Page - Stackpole Electronics, Inc. WCB Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 7/8/2022
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WCB / WCBF / NWCB Series
Welded Ceramic Housed Axial Leaded Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
W
C
B
5
J
B
1
0
0
R
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
WCB
Code
Quantity
WCBF
5
500
NWCB
7
250
10
200
15
200
20
200
25
25
10
15
20
7
0.5%
Code
D
5
B
F
J
25
20
Bulk
Product Series
(W)
Tolerance
Packaging
Resistance Value
Power Rating
Tol
Standard
Code
Description
Size
With standoff
3.32 Kohm = 3K32
Non-inductive
Four characters with
the multiplier used as
the decimal holder.
1%
5%
5
7, 10
15
0.1 ohm = R100
33 ohm = 33R0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com