Electronic Components Datasheet Search
  English  ▼

X  

WRC Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # WRC
Description  Conformal Coated Welded Wirewound Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

WRC Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  WRC Datasheet HTML 1Page - Stackpole Electronics, Inc. WRC Datasheet HTML 2Page - Stackpole Electronics, Inc. WRC Datasheet HTML 3Page - Stackpole Electronics, Inc. WRC Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 11/23/2020
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WRC Series
Conformal Coated Welded Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
W
R
C
2
A
J
A
3
0
0
R
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals
mined in the “conflict region” of the Easter
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
RoHS Compliance Status
WRC
Conformal Coated Welded
Wirewound Resistor
Axial
YES
100% Matte Sn
Always
Always
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant
Lead-Free Termination
Composition
Resistance Value
Code
W
Code
Tol
Code
Description
Size
Quantity
1S
1
J
5%
1S
5000
1
1
1, 2A, 3A, 4A, 5A
2000
2A
2
3B, 4B, 5B
1000
3A
3
1S, 1
2000
4A
4
2A, 3A, 4A, 5A, 3B, 4B, 5B
1000
5A
5
0.01 ohm = 10L0
3B
3
0.1 ohm = R100
4B
4
1 ohm = 1R00
5B
5.5
10 ohm = 10R0
Product Series
Tolerance
Packaging
Conformal
Coated
Welded
Wirewound
WRC
Size
T
Tape & Reel
A
Ammo
Four characters with
the multiplier used as
the decimal holder.
"L" used as multiplier
of 10
-3 for any value
under 0.1 ohm.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com