Electronic Components Datasheet Search
  English  ▼

X  

WWF Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # WWF
Description  General Purpose Fusing Wirewound Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

WWF Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  WWF Datasheet HTML 1Page - Stackpole Electronics, Inc. WWF Datasheet HTML 2Page - Stackpole Electronics, Inc. WWF Datasheet HTML 3Page - Stackpole Electronics, Inc. WWF Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 11/23/2020
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WWF Series
General Purpose Fusing Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
W
W
F
1
J
T
1
0
K
0
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 190
7/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
Size
Resistance Value
Code @ 25ºC @ 70ºC
Code
Tol
Code Description
Size
Quantity
12
0.6
0.5
J
5%
WWF12, WWF1, WWF1A
2500
1
1.2
1.1
WWF2, WWF2A, WWF3, WWF4
2000
1A
1.5
1.3
WWF3A
750
2
2.5
2.1
WWF5, WWF7, WWF7B
50
10 ohm - 10R0
2A
3
2.6
WWF10
250
2 Kohm = 2K00
3
3.7
3.2
100 Kohm = 100K
3A
4
3.4
4
5
4.3
5
6
5.1
7
8.5
7.2
7B
9
7.7
10
13
11
Packaging
Power Rating
Product Series
Tolerance
Four characters with
the multiplier used as
the decimal holder.
T
General Purpose
Fusing
Wirewound
WWF
11" reel tape



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com