Electronic Components Datasheet Search
  English  ▼

X  

ZVL Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # ZVL
Description  Low Voltage Leaded Varistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

ZVL Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  ZVL Datasheet HTML 1Page - Stackpole Electronics, Inc. ZVL Datasheet HTML 2Page - Stackpole Electronics, Inc. ZVL Datasheet HTML 3Page - Stackpole Electronics, Inc. ZVL Datasheet HTML 4Page - Stackpole Electronics, Inc. ZVL Datasheet HTML 5Page - Stackpole Electronics, Inc. ZVL Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 02/15/2021
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
ZVL / ZVYL Series
Low Voltage Leaded Varistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Device Ratings and Dimensions
VN
IC
WMAX
IMAX
CTYP
(1 mA)
(8/20 uSec) (10/1000 uSec)
(8/20 uSec) (@ 1 kHz)
(volts) (volts) (volts) (volts)
(amps)
(joules)
(watts)
(amps)
(pF)
(mm)
(mm)
(mm)
(mm)
(mm)
ZVL11K05
11
14
18
33
1
0.30
0.005
100
480
6.00
3.50
5.00
0.60
7.00
ZVL11K07
11
14
18
33
2.5
0.80
0.008
250
1,400
7.00
3.50
5.00
0.60
8.00
ZVL11K10
11
14
18
33
5
1.70
0.010
500
2,420
7.00
3.50
5.00
0.60
9.00
ZVL11K14
11
14
18
33
10
3.30
0.015
1,000
5,000
8.00
3.50
5.00
0.60
12.00
ZVL11K20
11
14
18
33
20
10.50
0.020
2,000
9,270
9.00
3.50
5.00
0.60
12.00
ZVL14K05
14
18
22
38
1
0.40
0.005
100
377
6.00
3.50
5.00
0.60
7.00
ZVL14K07
14
18
22
38
2.5
0.90
0.008
250
1,050
7.00
3.50
5.00
0.60
8.00
ZVL14K10
14
18
22
38
5
2.20
0.010
500
1,770
7.00
3.50
5.00
0.60
9.00
ZVL14K14
14
18
22
38
10
4.20
0.015
1,000
3,850
8.00
3.50
5.00
0.60
12.00
ZVL14K20
14
18
22
38
20
12.00
0.020
2,000
7,670
9.00
3.50
5.00
0.60
12.00
ZVL17K05
17
22
27
44
1
0.50
0.005
100
335
6.00
3.50
5.00
0.60
7.00
ZVL17K07
17
22
27
44
2.5
1.20
0.008
250
850
7.00
3.50
5.00
0.60
8.00
ZVL17K10
17
22
27
44
5
2.60
0.010
500
1,370
7.00
3.50
5.00
0.60
9.00
ZVL17K14
17
22
27
44
10
5.20
0.015
1,000
3,050
8.00
3.50
5.00
0.60
12.00
ZVL17K20
17
22
27
44
20
14.20
0.020
2,000
6,600
9.00
3.50
5.00
0.60
12.00
ZVL20K05
20
26
33
54
1
0.60
0.005
100
325
6.00
4.50
5.00
0.60
7.00
ZVL20K07
20
26
33
54
2.5
1.40
0.008
250
790
7.00
4.50
5.00
0.60
8.00
ZVL20K10
20
26
33
54
5
3.20
0.010
500
1,090
7.00
4.50
5.00
0.60
9.00
ZVL20K14
20
26
33
54
10
6.40
0.015
1,000
2,490
8.00
4.50
5.00
0.60
12.00
ZVL20K20
20
26
33
54
20
18.20
0.020
2,000
5,670
9.00
4.50
5.00
0.60
12.00
ZVL25K05
25
31
39
65
1
0.70
0.005
100
315
6.00
4.50
5.00
0.60
7.00
ZVL25K07
25
31
39
65
2.5
1.60
0.008
250
790
7.00
4.50
5.00
0.60
8.00
ZVL25K10
25
31
39
65
5
3.80
0.010
500
870
7.00
4.50
5.00
0.60
9.00
ZVL25K14
25
31
39
65
10
7.20
0.015
1,000
1,890
8.00
4.50
5.00
0.60
12.00
ZVL25K20
25
31
39
65
20
22.40
0.020
2,000
4,670
9.00
4.50
5.00
0.60
12.00
ZVL30K05
30
38
47
77
1
0.90
0.005
100
315
6.00
4.50
5.00
0.60
7.00
ZVL30K07
30
38
47
77
2.5
2.20
0.008
250
790
7.00
4.50
5.00
0.60
8.00
ZVL30K10
30
38
47
77
5
4.40
0.010
500
770
7.00
4.50
5.00
0.60
9.00
ZVL30K14
30
38
47
77
10
9.40
0.015
1,000
1,530
8.00
4.50
5.00
0.60
12.00
ZVL30K20
30
38
47
77
20
25.80
0.020
2,000
3,870
9.00
4.50
5.00
0.60
12.00
ZVL35K05
35
45
56
90
1
1.20
0.005
100
315
6.00
4.50
5.00
0.60
7.00
ZVL35K07
35
45
56
90
2.5
2.60
0.008
250
790
7.00
4.50
5.00
0.60
8.00
ZVL35K10
35
45
56
90
5
5.40
0.010
500
680
7.00
4.50
5.00
0.60
9.00
ZVL35K14
35
45
56
90
10
10.20
0.015
1,000
1,260
8.00
4.50
5.00
0.60
12.00
ZVL35K20
35
45
56
90
20
33.40
0.020
2,000
3,470
9.00
4.50
5.00
0.60
12.00
ZVL40K05
40
56
68
110
1
1.40
0.005
100
315
6.00
4.50
5.00
0.60
7.00
ZVL40K07
40
56
68
110
2.5
3.20
0.008
250
790
7.00
4.50
5.00
0.60
8.00
ZVL40K10
40
56
68
110
5
6.40
0.010
500
660
7.00
4.50
5.00
0.60
9.00
ZVL40K14
40
56
68
110
10
13.40
0.015
1,000
1,070
8.00
4.50
5.00
0.60
12.00
ZVL40K20
40
56
68
110
20
37.80
0.020
2,000
3,130
9.00
4.50
5.00
0.60
12.00
tMAX
R
d
h/AMAX
Part Number
VRMS
VDC
VC
PMAX
DMAX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com