Electronic Components Datasheet Search
  English  ▼

X  

MJE5852 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJE5852
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE5852 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE5852 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE5852 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon PNP Power Transistor
MJE5852
DESCRIPTION
·
Collector-Emitter Breakdown Voltage
: VCEO= -400V(Min)
·
Low Collector-Emitter Saturation Voltage
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching Regulators
·
Inverters
·
Solenoid and relay drivers
·
Motor control
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEV
Collector-Base Voltage
-450
V
VCEO(SUS)
Collector-Emitter Voltage
-400
V
VEBO
Emitter-Base Voltage
-6.0
V
IC
Collector Current-Continuous
-8.0
A
IB
Base Current- Continuous
-4.0
A
PC
Collector Power Dissipation
@TC=25℃
80
W
Tj
Junction Temperature
-65~150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.25
℃
/W


Similar Part No. - MJE5852

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5852 MOTOROLA-MJE5852 Datasheet
302Kb / 8P
8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5852 ONSEMI-MJE5852 Datasheet
302Kb / 8P
PNP SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
MJE5852 STMICROELECTRONICS-MJE5852 Datasheet
71Kb / 4P
HIGH VOLTAGE PNP POWER TRANSISTOR
Jul-1997
MJE5852 STMICROELECTRONICS-MJE5852 Datasheet
56Kb / 4P
HIGH VOLTAGE PNP POWER TRANSISTOR
Sep-2003
logo
ON Semiconductor
MJE5852 ONSEMI-MJE5852 Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
More results

Similar Description - MJE5852

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com