Electronic Components Datasheet Search
  English  ▼

X  

MUR20040 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MUR20040
Description  Ultra-fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MUR20040 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MUR20040 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MUR20040 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
MUR20040
Ultra-fast recovery diode
FEATURES
·
Super fast soft recovery
·
Built-in dual diode
·
Low forward pressure drop
·
Low switch loss
·
175℃, working knot temperature
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching Mode Power Supply
·
DC-AC converter;DC-AC inverter;inverter
·
fly-wheel diode
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
VRRM tp=10ms VRSM= VRRM+200V
400
V
IF(AV)
Forward average current
Tc=130℃
200
A
IF
(
RMS)
Square root current
Sususoidal half wave, single pulse
314
A
I2t
I2t for fusing
3.2
A2s*103
TJ
Junction Temperature
-
-55~175
℃
Tstg
Storage Temperature
-
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Each arm is 1800 sine wave, single side heat dissipation
0.45
℃
/W


Similar Part No. - MUR20040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR20040CT MCC-MUR20040CT Datasheet
135Kb / 3P
200 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
logo
Naina Semiconductor ltd...
MUR20040CT NAINA-MUR20040CT Datasheet
139Kb / 2P
Super Fast Recovery Diode, 200A
logo
America Semiconductor, ...
MUR20040CT AMERICASEMI-MUR20040CT Datasheet
414Kb / 2P
HIGH POWER- SUPER FAST RECTIFIERS
logo
GeneSiC Semiconductor, ...
MUR20040CT GENESIC-MUR20040CT Datasheet
380Kb / 3P
Silicon Super Fast Recovery Diode
MUR20040CT GENESIC-MUR20040CT Datasheet
667Kb / 3P
Silicon Super Fast Recovery Diode
More results

Similar Description - MUR20040

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DQ06 NIEC-31DQ06 Datasheet
24Kb / 2P
Ultra - Fast Recovery Diode
logo
AUK corp
SF10A400H AUK-SF10A400H Datasheet
216Kb / 4P
Ultra Fast Recovery Diode
SF10A600H AUK-SF10A600H Datasheet
200Kb / 4P
Ultra Fast Recovery Diode
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
Ultra Fast Recovery Diode
logo
Sanken electric
DEXS-1106S SANKEN-DEXS-1106S Datasheet
358Kb / 7P
Ultra Fast Recovery Diode
logo
Renesas Technology Corp
RJU3051TDPP-EJ RENESAS-RJU3051TDPP-EJ Datasheet
102Kb / 4P
Ultra Fast Recovery Diode
RJU3052TDPP-EJ RENESAS-RJU3052TDPP-EJ Datasheet
103Kb / 4P
Ultra Fast Recovery Diode
RJU4352SDPD-E0 RENESAS-RJU4352SDPD-E0 Datasheet
61Kb / 4P
Ultra Fast Recovery Diode
RJU6053WDPP-M0 RENESAS-RJU6053WDPP-M0 Datasheet
104Kb / 4P
Ultra Fast Recovery Diode
logo
Rohm
RFN2VWM2S ROHM-RFN2VWM2S Datasheet
1Mb / 8P
Ultra Fast Recovery Diode
2022/01/24_Rev.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com