Electronic Components Datasheet Search
  English  ▼

X  

74ACT163MTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT163MTR
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT163MTR Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT163MTR Datasheet HTML 1Page - STMicroelectronics 74ACT163MTR Datasheet HTML 2Page - STMicroelectronics 74ACT163MTR Datasheet HTML 3Page - STMicroelectronics 74ACT163MTR Datasheet HTML 4Page - STMicroelectronics 74ACT163MTR Datasheet HTML 5Page - STMicroelectronics 74ACT163MTR Datasheet HTML 6Page - STMicroelectronics 74ACT163MTR Datasheet HTML 7Page - STMicroelectronics 74ACT163MTR Datasheet HTML 8Page - STMicroelectronics 74ACT163MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
April 2001
s
HIGH SPEED:
fMAX = 250MHz (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 8µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.), VIL = 0.8V (MAX.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 163
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74ACT163 is an advanced high-speed CMOS
SYNCRONOUS
PRESETTABLE
COUNTER
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS tecnology. It is a
4 bit binary counter with Synchronous Clear.
The circuit have four fundamental modes of
operation, in order of preference: synchronous
reset, parallel load, count-up and hold. Four
control inputs, Master Reset (CLEAR), Parallel
Enable Input (LOAD), Count Enable Input (PE)
and Count Enable Carry Input (TE), determine the
mode of operation as shown in the Truth Table. A
LOW signal on CLEAR overrides counting and
parallel loading and sets all outputs on LOW state
on the next rising edge of CLOCK . A LOW signal
on
LOAD
overrides
counting
and
allows
information on Parallel Data inputs to be loaded
into the flip-flop on the next rising edge of CLOCK.
With LOAD and CLEAR HIGH, PE and TE permit
counting when both are HIGH. Conversely, a
LOW signal on either PE and TE inhibits counting.
The device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and
CMOS output voltage levels.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74ACT163
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74ACT163B
SOP
74ACT163M
74ACT163MTR
TSSOP
74ACT163TTR
TSSOP
DIP
SOP


Similar Part No. - 74ACT163MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT163MTC FAIRCHILD-74ACT163MTC Datasheet
112Kb / 11P
Synchronous Presettable Binary Counter
74ACT163MTC FAIRCHILD-74ACT163MTC Datasheet
112Kb / 11P
Synchronous Presettable Binary Counter
More results

Similar Description - 74ACT163MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com